Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5247BKS100-R2 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5247BKS100-R2
Description  128-Position I2C Compatible Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5247BKS100-R2 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5247BKS100-R2 Datasheet HTML 9Page - Analog Devices AD5247BKS100-R2 Datasheet HTML 10Page - Analog Devices AD5247BKS100-R2 Datasheet HTML 11Page - Analog Devices AD5247BKS100-R2 Datasheet HTML 12Page - Analog Devices AD5247BKS100-R2 Datasheet HTML 13Page - Analog Devices AD5247BKS100-R2 Datasheet HTML 14Page - Analog Devices AD5247BKS100-R2 Datasheet HTML 15Page - Analog Devices AD5247BKS100-R2 Datasheet HTML 16Page - Analog Devices AD5247BKS100-R2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD5247
OPERATION
The AD5247 is a 128-position, digitally controlled variable
resistor (VR) device. An internal power-on preset places the
wiper at midscale during power-on, which simplifies the default
condition recovery at power-up.
PROGRAMMING THE VARIABLE RESISTOR
Rheostat Operation
The nominal resistance of the RDAC between terminals A and
B is available in 5 kΩ, 10 kΩ, 50 kΩ, and 100 kΩ. The final two
or three digits of the part number determine the nominal
resistance value, e.g., 10 kΩ = 10, 50 kΩ = 50. The nominal
resistance (RAB) of the VR has 128 contact points accessed by
the wiper terminal, plus the B terminal contact. The 7-bit data
in the RDAC latch is decoded to select one of the 128 possible
settings.
Assuming a 10 kΩ part is used, the wiper’s first connection
starts at the B terminal for data 0x00. Since there is a 50 Ω wiper
contact resistance, such a connection yields a minimum of
100 Ω (2 × 50 Ω) resistance between terminals W and B. The
second connection is the first tap point, which corresponds to
178 Ω (RWB = RAB/128+ RW = 78 Ω + 2 × 50 Ω) for data 0x01.
The third connection is the next tap point, representing 256 Ω
(2 × 78 Ω + 2 × 50 Ω) for data 0x02, and so on. Each LSB data
value increase moves the wiper up the resistor ladder until the
last tap point is reached at 10,100 Ω (RAB + 2 × RW).
Figure 34
Figure 34. AD5247 Equivalent RDAC Circuit
shows a simplified diagram of the equivalent RDAC
circuit where the last resistor string will not be accessed.
Bx
Wx
Ax
D6
D4
D5
D2
D3
D1
D0
RDAC
LATCH
AND
DECODER
RS
RS
RS
The general equation determining the digitally programmed
output resistance between W and B is
W
AB
WB
R
R
D
D
R
×
+
×
=
2
128
)
(
(1)
where D is the decimal equivalent of the binary code loaded in
the 7-bit RDAC register, RAB is the end-to-end resistance, and
RW
is the wiper resistance contributed by the on resistance of
the internal switch. In summary, if RAB = 10 kΩ and the A
terminal is open-circuited, the output resistance RWB shown in
will be set for the indicated RDAC latch codes.
Table 7
Table 7. Codes and Corresponding RWB Resistance
D (Dec.)
RWB (Ω)
Output State
127
10,100
Full Scale (RAB + 2 × RW)
64
5,100
Midscale
1
178
1 LSB
0
100
Zero Scale (Wiper Contact Resistance)
Note that in the zero-scale condition, a finite resistance of
100 Ω between terminals W and B is present. Care should be
taken to limit the current flow between W and B in this state to
a maximum pulse current of no more than 20 mA. Otherwise,
degradation or possible destruction of the internal switch
contact can occur.
Similar to the mechanical potentiometer, the resistance of the
RDAC between the wiper W and terminal A also produces a
digitally controlled complementary resistance RWA. When these
terminals are used, the B terminal can be opened. Setting the
resistance value for RWA starts at a maximum value of resistance
and decreases as the data loaded in the latch increases in value.
The general equation for this operation is
W
AB
WA
R
R
D
D
R
×
+
×
=
2
128
–
128
)
(
(2)
For RAB = 10 kΩ and the B terminal open circuited, the output
resistance RWA shown in
will be set for the indicated
RDAC latch codes.
Table 8
Table 8. Codes and Corresponding RWA Resistance
D (Dec.)
RWA (Ω)
Output State
127
178
Full Scale
64
5,100
Midscale
1
9,961
1 LSB
0
10,100
Zero Scale
Typical device-to-device matching is process lot dependent and
may vary by up to ±30%. Since the resistance element is
processed in thin film technology, the change in RAB with
temperature has a very low 45 ppm/°C temperature coefficient.
Rev. 0 | Page 13 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com