Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS58CF Datasheet(PDF) 3 Page - Galaxy Semi-Conductor Holdings Limited

Part # SS58CF
Description  Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SS58CF Datasheet(HTML) 3 Page - Galaxy Semi-Conductor Holdings Limited

  SS58CF Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SS58CF Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SS58CF Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SS58CF Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Schottky Barrier Rectifiers
SS58CF--SS510CF
SCF404AA
www.gmesemi.com
Rev.B
Production specification
Ratings and Characteristic Curves (TA=25°C unless otherwise noted)
Fig.1-Forward Current Derating Curve
Fig.2- Surge Current Derating Curve
Fig.3- Typical Forward Voltage Characteristic
Fig.4- Typical Reverse Characteristic
0
30
60
90
120
150
1
10
100
0.1
1
10
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1
1
10
100
1000
10
20
30
40
50
60
70
80
90 100
Forward Voltage ,VF(V)
Case Temperature °C
Number of Cycles at 60HZ
Reverse Voltage ,VR
(%)
Tj=75
℃
Tj=25
℃
Tj=125
℃
Tj=75
℃
Tj=125
℃
Tj=25
℃
0
1
2
3
4
5
0
25
50
75
100
125
150



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com