Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PL320DT70R Datasheet(PDF) 39 Page - SPANSION

Part # AM29PL320DT70R
Description  32 Megabit (2 M x 16-Bit/1 M x 32-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29PL320DT70R Datasheet(HTML) 39 Page - SPANSION

Back Button AM29PL320DT70R Datasheet HTML 35Page - SPANSION AM29PL320DT70R Datasheet HTML 36Page - SPANSION AM29PL320DT70R Datasheet HTML 37Page - SPANSION AM29PL320DT70R Datasheet HTML 38Page - SPANSION AM29PL320DT70R Datasheet HTML 39Page - SPANSION AM29PL320DT70R Datasheet HTML 40Page - SPANSION AM29PL320DT70R Datasheet HTML 41Page - SPANSION AM29PL320DT70R Datasheet HTML 42Page - SPANSION AM29PL320DT70R Datasheet HTML 43Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
October 2, 2003
Am29PL320D
37
AC CHARACTERISTICS
Double Word/Word Configuration (WORD#)
Parameter
Description
Speed Options
Unit
JEDEC
Std
60R
70R, 70
90
tELFL/tELFH
CE# to WORD# Switching Low or High
Max
5
ns
tFLQZ
WORD# Switching Low to Output HIGH Z
Max
16
ns
tFHQV
WORD# Switching High to Output Active
Min
60
70
90
ns
DQ31
Output
Data Output
(DQ15–DQ0)
CE#
OE#
WORD#
tELFL
DQ30–DQ0
Data Output
(DQ30–DQ0)
DQ31/A-1
Address
Input
tFLQZ
WORD#
Switching
from double
word to word
mode
DQ15
Output
Data Output
(DQ15–DQ0)
WORD#
tELFH
DQ30–DQ0
Data Output
(DQ30–DQ0)
DQ31/A-1
Address
Input
tFHQV
WORD#
Switching
from word to
double word
mode
Figure 15.
WORD# Timings for Read Operations
Note: Refer to the Erase/Program Operations table for tAS and tAH specifications.
Figure 16.
WORD# Timings for Write Operations
CE#
WE#
WORD#
The falling edge of the last WE# signal
tHOLD (tAH)
tSET
(tAS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com