Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PL320DB70R Datasheet(PDF) 12 Page - SPANSION

Part # AM29PL320DB70R
Description  32 Megabit (2 M x 16-Bit/1 M x 32-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29PL320DB70R Datasheet(HTML) 12 Page - SPANSION

Back Button AM29PL320DB70R Datasheet HTML 8Page - SPANSION AM29PL320DB70R Datasheet HTML 9Page - SPANSION AM29PL320DB70R Datasheet HTML 10Page - SPANSION AM29PL320DB70R Datasheet HTML 11Page - SPANSION AM29PL320DB70R Datasheet HTML 12Page - SPANSION AM29PL320DB70R Datasheet HTML 13Page - SPANSION AM29PL320DB70R Datasheet HTML 14Page - SPANSION AM29PL320DB70R Datasheet HTML 15Page - SPANSION AM29PL320DB70R Datasheet HTML 16Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
10
Am29PL320D
October 2, 2003
Page Mode Read
The Am29PL320D is capable of fast page mode read
and is compatible with the page mode Mask ROM read
operation. This mode provides faster read access
speed for random locations within a page. The page
size of the Am29PL320D device is 8 words, or 4 dou-
ble words, with the appropriate page being selected by
the higher address bits A19–A2 and the LSB bits A1–
A0 (in the double word mode) and A1 to A-1 (in the
word mode) determining the specific word/double word
within that page. This is an asynchronous operation
with the microprocessor supplying the specific word or
double word location.
The random or initial page access is equal to tACC or
tCE and subsequent page read accesses (as long as
the locations specified by the microprocessor falls
within that page) is equivalent to tPACC. When CE# is
deasserted and reasserted for a subsequent access,
the access time is tACC or tCE. Here again, CE# selects
the device and OE# is the output control and should be
used to gate data to the output inputs if the device is
selected. Fast page mode accesses are obtained by
keeping A19–A2 constant and changing A1 to A0 to
select the specific double word, or changing A1 to A-1
to select the specific word, within that page.
The following tables determine the specific word and
double word within the selected page:
Table 2.
Double Word Mode
Table 3.
Word Mode
Word
A1
A0
Double Word 0
0
0
Double Word 1
0
1
Double Word 2
1
0
Double Word 3
1
1
Word
A1
A0
A-1
Word 0
0
0
0
Word 1
0
0
1
Word 2
0
1
0
Word 3
0
1
1
Word 4
1
0
0
Word 5
1
0
1
Word 6
1
1
0
Word 7
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com