Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP438PL Datasheet(PDF) 5 Page - Anachip Corp

Part # AP438PL
Description  PWM Fan Speed Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP438PL Datasheet(HTML) 5 Page - Anachip Corp

  AP438PL Datasheet HTML 1Page - Anachip Corp AP438PL Datasheet HTML 2Page - Anachip Corp AP438PL Datasheet HTML 3Page - Anachip Corp AP438PL Datasheet HTML 4Page - Anachip Corp AP438PL Datasheet HTML 5Page - Anachip Corp AP438PL Datasheet HTML 6Page - Anachip Corp AP438PL Datasheet HTML 7Page - Anachip Corp AP438PL Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AP438/9
PWM Fan Speed Controller
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev.0.5 Feb.12, 2004
5/8
Marking Information
(1) SIP4/5L
AP43 X
X XX X X
Date code
XX : Nth week
X :Year
8:438
9:439
ID code: internal
Blank: normal
L: Lead Free Package
(2) SOP-8L
SOP-8L
( Top View )
Logo
ID code: internal
Year: "01" =2001
"02" =2002
Xth week: 01~52
1
8
5
AC
AP439
YY WW X X
Blank: normal
L: Lead Free Package
4
Part Number



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com