Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PL320DB90 Datasheet(PDF) 10 Page - SPANSION

Part # AM29PL320DB90
Description  32 Megabit (2 M x 16-Bit/1 M x 32-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29PL320DB90 Datasheet(HTML) 10 Page - SPANSION

Back Button AM29PL320DB90 Datasheet HTML 6Page - SPANSION AM29PL320DB90 Datasheet HTML 7Page - SPANSION AM29PL320DB90 Datasheet HTML 8Page - SPANSION AM29PL320DB90 Datasheet HTML 9Page - SPANSION AM29PL320DB90 Datasheet HTML 10Page - SPANSION AM29PL320DB90 Datasheet HTML 11Page - SPANSION AM29PL320DB90 Datasheet HTML 12Page - SPANSION AM29PL320DB90 Datasheet HTML 13Page - SPANSION AM29PL320DB90 Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
8
Am29PL320D
October 2, 2003
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combi-
nation) is formed by a combination of the elements below.
Valid Combinations
Valid Combinations list configurations planned to be supported in volume for this device. Consult the local AMD sales office to
confirm availability of specific valid combinations and to check on newly released combinations.
Am29PL320D
B
60R
WP
I
TEMPERATURE RANGE
I
=
Industrial (–40
°C to +85°C)
PACKAGE TYPE
WP
=
84-Ball Fine Pitch Ball Grid Array (FBGA) 0.8 mm pitch (FBF084)
SPEED OPTION
See Product Selector Guide and Valid Combinations
BOOT CODE SECTOR ARCHITECTURE
T
=
Top Boot Sector
B
=
Bottom Boot Sector
DEVICE NUMBER/DESCRIPTION
Am29PL320D
32 Megabit (2 M x 16-Bit/1 M x 32-Bit)
CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
Valid Combinations
Package Marking
Voltage Range
AM29PL320DT60R,
AM29PL320DB60R
WPI
P320DT60RI,
P320DB60RI
VCC = 3.0–3.6 V
AM29PL320DT70R,
AM29PL320DB70R
P320DT70RI,
P320DB70RI
AM29PL320DT70,
AM29PL320DB70
P320DT70VI,
P320DB70VI
VCC = 2.7–3.6 V
AM29PL320DT90,
AM29PL320DB90
P320DT90VI,
P320DB90VI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com