Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-TI10P-518-C1-R0 Datasheet(PDF) 1 Page - Advanced Thermal Solutions, Inc.

Part # ATS-TI10P-518-C1-R0
Description  Heat Sinks For Texas Instruments
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.

ATS-TI10P-518-C1-R0 Datasheet(HTML) 1 Page - Advanced Thermal Solutions, Inc.

  ATS-TI10P-518-C1-R0 Datasheet HTML 1Page - Advanced Thermal Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Details
Notes:
1)
Dimension A = heat sink length
2)
Dimension B - heat sink width
3)
Dimension C = heat sink height from bottom of the base to the top of the fin field (all in mm)
4)
Dimension D = Hole distance center to center (mm)
5)
Dimension E= Hole depth (mm)
6)
Material AL-6063
Thermal Performance
For more information, to find a distributor or to place an order, visit www.qats.com or call: 781.769.2800.
ATS PART # ATS-TI10P-518-C1-R0
Features & Benefits
» Optimized for natural convection air cooling
» Black anodized for maximum heat dissipation
» Designed specifically for TI’s Module
#TAS5611 (#TAS5611PHD2EVM),
#TAS5613 (#TAS5613PHD2EVM)
» Heat sinks come with two threaded mounting holes
Heat Sinks For Texas Instruments
REV3_1117
AIR VELOCITY
THERMAL RESISTANCE
FT/MIN
M/S
°C/W (UNDUCTED FLOW)
°C/W (DUCTED FLOW)
200
1.0
300
1.5
n/a
400
2.0
n/a
500
2.5
n/a
600
3.0
n/a
700
3.5
n/a
800
4.0
n/a
3.0
2.5
2.2
2.0
1.8
1.7
1.6
2.0
A
78mm (Sink Length)
1.60mm
1.00mm
B
C
*Images are for illustration purposes only.
Dimension A
Dimension B
Dimension C
Dimension D
Thread Depth
Thread Type
Interface Material
Finish
78 mm
36 mm
28.1 mm
47.14 mm
6 mm
M3
N/A
Black Anodized
D


Similar Part No. - ATS-TI10P-518-C1-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-TI10P-519-C1-R0 ATS-ATS-TI10P-519-C1-R0 Datasheet
182Kb / 1P
Heat Sinks For Texas Instruments
REV3_1117
ATS-TI10P-519-C1-R1 ATS-ATS-TI10P-519-C1-R1 Datasheet
162Kb / 1P
Optimized for natural convection air cooling
REV3-1117
ATS-TI10P-519-C1-R3 ATS-ATS-TI10P-519-C1-R3 Datasheet
126Kb / 1P
Heat Sinks For Texas Instruments
REV3_1117
More results

Similar Description - ATS-TI10P-518-C1-R0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0560-6600-64 BEL-0560-6600-64 Datasheet
53Kb / 2P
ADSL Magnetics For Texas Instruments
logo
List of Unclassifed Man...
XT0018 ETC2-XT0018 Datasheet
111Kb / 2P
ADSL Transformer For Texas Instruments
XT0019 ETC2-XT0019 Datasheet
109Kb / 1P
ADSL Transformer For Texas Instruments
logo
Advanced Thermal Soluti...
ATS-TI10P-519-C1-R0 ATS-ATS-TI10P-519-C1-R0 Datasheet
182Kb / 1P
Heat Sinks For Texas Instruments
REV3_1117
ATS-TI10P-519-C1-R3 ATS-ATS-TI10P-519-C1-R3 Datasheet
126Kb / 1P
Heat Sinks For Texas Instruments
REV3_1117
ATS-TI10P-521-C1-R1 ATS-ATS-TI10P-521-C1-R1 Datasheet
121Kb / 1P
Heat Sinks For Texas Instruments
REV3_1117
ATS-TI10P-563-C1-R0 ATS-ATS-TI10P-563-C1-R0 Datasheet
167Kb / 1P
Heat Sinks For Texas Instruments
REV3_1117
logo
RENCO ELECTRONICS, INC.
RL-2580 RENCO-RL-2580 Datasheet
111Kb / 1P
FLYBACK TRANSFORMER FOR TEXAS INSTRUMENTS
RL-5532 RENCO-RL-5532 Datasheet
65Kb / 1P
FLYBACK TRANSFORMER FOR TEXAS INSTRUMENTS
RL-5751 RENCO-RL-5751 Datasheet
278Kb / 1P
FLYBACK TRANSFORMER FOR TEXAS INSTRUMENTS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com