Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP438SL Datasheet(PDF) 1 Page - Anachip Corp

Part # AP438SL
Description  PWM Fan Speed Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP438SL Datasheet(HTML) 1 Page - Anachip Corp

  AP438SL Datasheet HTML 1Page - Anachip Corp AP438SL Datasheet HTML 2Page - Anachip Corp AP438SL Datasheet HTML 3Page - Anachip Corp AP438SL Datasheet HTML 4Page - Anachip Corp AP438SL Datasheet HTML 5Page - Anachip Corp AP438SL Datasheet HTML 6Page - Anachip Corp AP438SL Datasheet HTML 7Page - Anachip Corp AP438SL Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AP438/9
PWM Fan Speed Controller
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev.0.5 Feb.12, 2004
1/8
Features
- Built-in 30Khz OSC provide 0%~100% PWM
output
- Over Temperature Protector(OTP) flag.
(AP439 only).
- Open collect output(OTP & PWM pins).
- SIP-4L package for AP438.
- SIP-5L, SOP-8L package for AP439.
Applications
- PC Power.
- DC Fan
General Descriptions
The AP438/9 series’s PWM output has built-in NPN
power transistor that controls the Fan current & Fan
speed.
AP439 built-in over temperature alarm
flag.
Pin Assignment
AP439
Front View
AP438
SOP-8L
SIP-5L
SIP-4L
GND
1
2
3
4
8
7
6
5
OTP
GND
VIN
AP439
GND
VCC
GND
PWM
Pin Descriptions
Name
Description
VCC
Operating voltage input
VIN
Reference input voltage
OTP
Over Temperature protect flag.
PWM
PWM Open Collect Output.
GND
Ground
Ordering Information
Part Number
P : SIP-4/5L
S : SOP-8L
AP43 X X X X
8
: AP438
9
: AP439
Package
Packing
Blank : Tube
Lead Free
Blank : Normal
L : Lead Free Package
or bulk
A
: Taping


Similar Part No. - AP438SL

ManufacturerPart #DatasheetDescription
logo
Juniper Networks, Inc.
AP43 JUNIPER-AP43 Datasheet
2Mb / 9P
AP34 ACCESS POINT DATASHEET
Oct 2023
AP43 JUNIPER-AP43 Datasheet
619Kb / 6P
AP43 ACCESS POINT DATASHEET
logo
BCD Semiconductor Manuf...
AP4300 BCDSEMI-AP4300 Datasheet
148Kb / 12P
DUAL OP AMP AND VOLTAGE REFERENCE
AP4300 BCDSEMI-AP4300 Datasheet
159Kb / 12P
DUAL OP AMP AND VOLTAGE REFERENCE
AP4300AM-A BCDSEMI-AP4300AM-A Datasheet
148Kb / 12P
DUAL OP AMP AND VOLTAGE REFERENCE
More results

Similar Description - AP438SL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC642 MICROCHIP-TC642 Datasheet
485Kb / 28P
PWM Fan Speed Controller with FanSense??Technology
2002
TC647 MICROCHIP-TC647 Datasheet
478Kb / 28P
PWM Fan Speed Controller with FanSense Technology
2002
logo
List of Unclassifed Man...
G760A ETC-G760A Datasheet
173Kb / 5P
Fan Speed PWM Controller
logo
Global Mixed-mode Techn...
G762 GMT-G762 Datasheet
309Kb / 1P
Fan Speed Controller with Linear or PWM Mode
logo
Microchip Technology
TC642 MICROCHIP-TC642_13 Datasheet
400Kb / 28P
PWM Fan Speed Controller with FanSense??Technology
11/29/12
TC647 MICROCHIP-TC647_13 Datasheet
386Kb / 28P
PWM Fan Speed Controller with FanSense??Technology
11/29/12
TC642COA713 MICROCHIP-TC642COA713 Datasheet
503Kb / 28P
PWM Fan Speed Controller with FanSense??Technology
08/01/02
logo
Global Mixed-mode Techn...
G764 GMT-G764 Datasheet
32Kb / 1P
Fan Speed Controller with Linear or PWM Mode
G761 GMT-G761 Datasheet
47Kb / 1P
Fan Speed Controller with Linear or PWM Mode
G760A GMT-G760A Datasheet
84Kb / 1P
Fan Speed PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com