Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PL320DB60RWPI Datasheet(PDF) 14 Page - SPANSION

Part # AM29PL320DB60RWPI
Description  32 Megabit (2 M x 16-Bit/1 M x 32-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29PL320DB60RWPI Datasheet(HTML) 14 Page - SPANSION

Back Button AM29PL320DB60RWPI Datasheet HTML 10Page - SPANSION AM29PL320DB60RWPI Datasheet HTML 11Page - SPANSION AM29PL320DB60RWPI Datasheet HTML 12Page - SPANSION AM29PL320DB60RWPI Datasheet HTML 13Page - SPANSION AM29PL320DB60RWPI Datasheet HTML 14Page - SPANSION AM29PL320DB60RWPI Datasheet HTML 15Page - SPANSION AM29PL320DB60RWPI Datasheet HTML 16Page - SPANSION AM29PL320DB60RWPI Datasheet HTML 17Page - SPANSION AM29PL320DB60RWPI Datasheet HTML 18Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
12
Am29PL320D
October 2, 2003
Table 4.
Sector Address Table, Top Boot (Am29PL320DT)
Note: Address range is A19–A-1 if device is in word mode (WORD# = VIL). Address range is A19–A0 if device is in double word
mode (WORD# = VIH).
Table 5.
SecSi
™ Sector Addresses for Top Boot Devices
Sector
A19
A18
A17
A16
A15
A14
A13
A12
Sector Size
(Kwords/
Kdouble
words)
Address Range (in hexadecimal)
Word Mode
(x16)
Double Word Mode
(x32)
SA0
0000
XXXX
128/64
000000–01FFFF
00000–0FFFF
SA1
0001
XXXX
128/64
020000–03FFFF
10000–1FFFF
SA2
0010
XXXX
128/64
040000–05FFFF
20000–2FFFF
SA3
0011
XXXX
128/64
060000–07FFFF
30000–3FFFF
SA4
0100
XXXX
128/64
080000–09FFFF
40000–4FFFF
SA5
0101
XXXX
128/64
0A0000–0BFFFF
50000–5FFFF
SA6
0110
XXXX
128/64
0C0000–0DFFFF
60000–6FFFF
SA7
0111
XXXX
128/64
0E0000–0FFFFF
70000–7FFFF
SA8
1000
XXXX
128/64
100000–11FFFF
80000–8FFFF
SA9
1001
XXXX
128/64
120000–13FFFF
90000–9FFFF
SA10
1010
XXXX
128/64
140000–15FFFF
A0000–AFFFF
SA11
1011
XXXX
128/64
160000–17FFFF
B0000–BFFFF
SA12
1100
XXXX
128/64
180000–19FFFF
C0000–CFFFF
SA13
1101
XXXX
128/64
1A0000–1BFFFF
D0000–DFFFF
SA14
1110
XXXX
128/64
1C0000–1DFFFF
E0000–EFFFF
SA15
1111
0000–1011
96/48
1E0000–1F7FFF
F0000–FBFFF
SA16
1111
1100
8/4
1F8000–1F9FFF
FC000–FCFFF
SA17
1111
1101
8/4
1FA000–1FBFFF
FD000–FDFFF
SA18
1111
111
X
16/8
1FC000–1FFFFF
FE000–FFFFF
Device
Sector Address
A7–A0
Sector Size
(x16)
Address Range
(x32)
Address Range
Am29PL320DT
00000000
512 words/256 double words
000000h–0001FFh
00000h–000FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com