Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS30-12IO1 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CS30-12IO1
Description  Phase Control Thyristor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CS30-12IO1 Datasheet(HTML) 1 Page - IXYS Corporation

  CS30-12IO1 Datasheet HTML 1Page - IXYS Corporation CS30-12IO1 Datasheet HTML 2Page - IXYS Corporation CS30-12IO1 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2000 IXYS All rights reserved
1 - 3
CS 30
Symbol
Test Conditions
Maximum Ratings
I
T(RMS)
T
VJ = TVJM
49
A
I
T(AV)M
T
case = 85°C; 180° sine
31
A
I
TSM
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
300
A
V
R = 0 V
t = 8.3 ms (60 Hz), sine
320
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
270
A
V
R = 0 V
t = 8.3 ms (60 Hz), sine
290
A
I²t
T
VJ = 45°C
t = 10 ms (50 Hz), sine
450
A2s
V
R = 0 V
t = 8.3 ms (60 Hz), sine
440
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
365
A2s
V
R = 0 V
t = 8.3 ms (60 Hz), sine
355
A2s
(di/dt)
cr
T
VJ = TVJM
repetitive, I
T = 40 A
150
A/
ms
f = 50 Hz, t
P =200 ms
V
D = 2/3 VDRM
I
G = 0.3 A
non repetitive, I
T = IT(AV)M
500
A/
ms
di
G/dt = 0.3 A/ms
(dv/dt)
cr
T
VJ = TVJM;VDR = 2/3 VDRM
1000
V/
ms
R
GK = ¥; method 1 (linear voltage rise)
P
GM
T
VJ = TVJM
t
P =
30
ms10
W
I
T = IT(AV)M
t
P =
300
ms5
W
P
GAV
0.5
W
V
RGM
10
V
T
VJ
-40...+125
°C
T
VJM
125
°C
T
stg
-40...+125
°C
M
d
Mounting torque M3
0.8...1.2
Nm
Weight
6g
Features
q
Thyristor for line frequency
q
International standard package
JEDEC TO-247
q
Planar passivated chip
q
Long-term stability of blocking
currents and voltages
q
Epoxy meets UL 94V-0
Applications
q
Motor control
q
Power converter
q
AC power controller
q
Switch-mode and resonant mode
power supplies
q
Light and temperature control
Advantages
q
Easy to mount with 1 screw
(isolated mounting screw hole)
q
Space and weight savings
q
Simple mounting
q
Improved temperature and power
cycling
Data according to IEC 60747
IXYS reserves the right to change limits, test conditions and dimensions
Phase Control Thyristor
V
RRM
= 1200-1600 V
I
T(RMS) = 49 A
I
T(AV)M = 31 A
V
RSM
V
RRM
Type
V
DSM
V
DRM
VV
1200
1200
CS 30-12io1
1400
1400
CS 30-14io1
1600
1600
CS 30-16io1
A
C
G
A
C
TO-247 AD
C = Cathode, A = Anode, G = Gate
TAB = Anode
(TAB)
G


Similar Part No. - CS30-12IO1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CS30-14IO1 IXYS-CS30-14IO1 Datasheet
397Kb / 5P
Thyristor Single Thyristor
CS30-16IO1 IXYS-CS30-16IO1 Datasheet
397Kb / 5P
Thyristor Single Thyristor
More results

Similar Description - CS30-12IO1

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMT-25 SEMPO-SMT-25 Datasheet
49Kb / 1P
Phase Control Thyristor
SMT-100 SEMPO-SMT-100 Datasheet
38Kb / 1P
Phase Control Thyristor
SMTC3-3500 SEMPO-SMTC3-3500 Datasheet
61Kb / 1P
PHASE CONTROL THYRISTOR
SMTC2-3000 SEMPO-SMTC2-3000 Datasheet
61Kb / 1P
PHASE CONTROL THYRISTOR
SMTC2-1800F SEMPO-SMTC2-1800F Datasheet
59Kb / 1P
PHASE CONTROL THYRISTOR
SMTC2-1500 SEMPO-SMTC2-1500 Datasheet
59Kb / 1P
PHASE CONTROL THYRISTOR
SMT-200 SEMPO-SMT-200 Datasheet
38Kb / 1P
Phase Control Thyristor
SMT-300 SEMPO-SMT-300 Datasheet
40Kb / 1P
Phase Control Thyristor
SMTC1-800 SEMPO-SMTC1-800 Datasheet
56Kb / 1P
Phase Control Thyristor
SMTC2-600 SEMPO-SMTC2-600 Datasheet
56Kb / 1P
Phase Control Thyristor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com