Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR8112 Datasheet(PDF) 4 Page - ASM GmbH

Part # PR8112
Description  PEN RECORDER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PR8112 Datasheet(HTML) 4 Page - ASM GmbH

  PR8112 Datasheet HTML 1Page - ASM GmbH PR8112 Datasheet HTML 2Page - ASM GmbH PR8112 Datasheet HTML 3Page - ASM GmbH PR8112 Datasheet HTML 4Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HEAD OFFICE :
81 Koizumi, Ueda, Nagano, 386-1192, Japan
TEL +81-268-28-0562 / FAX +81-268-28-0568
http://www.hioki.co.jp / E-mail: os-com@hioki.co.jp
HIOKI USA CORPORATION :
6 Corporate Drive, Cranbury, NJ 08512 USA
TEL +1-609-409-9109 / FAX +1-609-409-9108
http://www.hiokiusa.com / E-mail: hioki@hiokiusa.com
All information correct as of Apr. 18, 2011. All specifications are subject to change without notice.
PR8111E1-14B
Printed in Japan
DISTRIBUTED BY
HIOKI (Shanghai) Sales & Trading Co., Ltd. :
1608-1610,Shanghai Times Square Office, 93 Huai Hai Zhong Road
Shanghai, P.R.China POSTCODE: 200021
TEL +86-21-63910090/63910092 FAX +86-21-63910360
http://www.hioki.cn / E-mail: info@hioki.com.cn
Beijing Office : TEL +86-10-84418761/84418762
Guangzhou Office : TEL +86-20-38392673/2676
HIOKI SINGAPORE PTE. LTD. :
33 Ubi Avenue 3, #03-02 Vertex, Singapore 408868
TEL +65-6634-7677 FAX +65-6634-7477
E-mail: info@hioki.com.sg
HIOKI INDIA PRIVATE LIMITED :
Khandela House, 24 Gulmohar Colony Indore 452 018 (M.P.), India
TEL +91-731-4223901, 4223902 FAX +91-731-4223903
http://www.hioki.in / E-mail: info@hioki.in
Note: Company names and Product names appearing in this catalog are trademarks or registered trademarks of various companies.
n
Specifications
Operating method
Self-balancing
Input
DC Voltage (isolated input)
Measurement
ranges
±1, 2.5, 5, 10, 25, 50, 100, 250, 500 mV,
±1, 2.5, 5, 10, 25, 50, 100, 250 V
17ranges
Recording
accuracy
±0.5% of effective recording width (excluding contraction and
expansion of recording paper)
(Including linearity in reference range; reference range of 250 mV)
Dead zone
±0.2% of effective recording width
Inter-range error
±0.25% of effective recording width
Input impedance
2 MΩ±1 %
Max. allowable input
250 V DC (V range) or 30 V DC (mV range)
Max. rated voltage between
terminals and ground
300 V DC/AC
Battery check
3-stage LED display (green, orange, red)
(when operating on dry-cell battery power)
Accuracy is guaranteed even when red indicator is lit.
Operating temperature
and humidity
0 ℃ to 40 ℃, 40 % to 80 % rh (non-condensating)
Power supply
(1) AC ADAPTER 9418-15: 100 to 240 V AC (50/60 Hz)
(2) D Size alkaline battery × 6
(When used with the AC adapter, the adapter takes precedence.)
[Continuous use] (based on in-house testing conditions)
PR8111
: Approx 50h, PR8112: Approx 25h
(3) DC power supply: 10 to 27V DC (cable available by special order)
Max. rated power
4VA (AC ADAPTER, DC POWER) or 3VA (dry-cell batteries)
Dimensions
292 mm (11.5 in) W×177 mm (6.97 in) H×182 mm (7.17 in) D
Mass
PR8111:
3.9 kg (137.6oz) , PR8112: 4.4 kg (155.2oz) (instrument only)
PR8111:
4.8 kg (169.3oz) , PR8112: 5.3 kg (186.9oz)
(with dry-cell batteries, recording paper, and pen(s))
Storage temperature
and humidity
-20 ℃ to 55 ℃, 10 % to 80 % rh (non-condensating)
Applicable
standards
Safety: EN61010-1
EMC: EN61326-1 CLASSA, EN61000-3-2, EN61000-3-3
No. of pens
PR8111
: 1 pen, PR8112: 2 pens
Recording method
Disposable felt pens
Recording width
150 mm
Pen interval
5 mm±1 mm
Pen speed
500 mm/s or greater (using AC adapter)
Paper feed
speed
10, 20, 30, 60, 120, 180, 300, 600 mm/m
10, 20, 30, 60, 120, 180, 300, 600 mm/h 16 ranges
Accuracy: ±0.25%
Zero point
movement range
Can be adjusted throughout each range’s full area of
movement.
Chart feed
300 mm/min, slow-up method
Pen-lifting mechanism
Gang lift
Orientation
Vertical
Recording paper Fanfold plain paper SE-10Z-2 (length: 15 m)
Roll plain paper SE-10 (length: 20 m)
PR8111 (1-pen model)
PR8112 (2-pen model)
n OPTION
FELT PENS
P-1201A (Red)
P-1202A (Green)
P-1203A (Blue)
RECORDING PAPER SE-10Z-2
(fanfold)
Width:170 mm (effective recording width: 150 mm) ×15 m,
Set of 10
RECORDING PAPER SE-10
(roll)
Width:170 mm (effective recording width: 150 mm) ×20 m,
Set of 10
The PR8111/PR8112 uses the same recording paper
and felt pens as previous HIOKI models
(the EPR-3000 series and EPR-3500 series).
Accessories
FELT PEN PR8111: P-1201A (Red)
PR8112: P-1201A (Red), P-1202A (Green)
RECORDING PAPER × 1 (fanfold)
AC ADAPTER 9418-15 × 1, Drip-proof cover × 1, Instruction manual × 1
Input unit (product guaranteed for one year)
Recording unit



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com