Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS30 Datasheet(PDF) 3 Page - IXYS Corporation

Part # CS30
Description  Phase Control Thyristor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CS30 Datasheet(HTML) 3 Page - IXYS Corporation

  CS30 Datasheet HTML 1Page - IXYS Corporation CS30 Datasheet HTML 2Page - IXYS Corporation CS30 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2000 IXYS All rights reserved
3 - 3
0
20
40
60
80
100 120
0
5
10
15
20
25
30
35
40
45
50
I
T(AV)M
0
1020
3040
0
10
20
30
40
50
60
70
80
90
0
25
50
75
100
125
150
0.001
0.01
0.1
1
0
100
200
300
400
0.0
0.5
1.0
1.5
2.0
0
10
20
30
40
50
60
0.001
0.01
0.1
1
10
100
0.0
0.5
1.0
I
TSM
I
T
A
V
T
t
s
P
T
W
I
T(AV)M
A
T
amb
°C
t
s
Z
thJC
K/W
V
A
12
3
4
5 6 7 8 910
100
1000
I
2t
t
A
2s
T
case
A
°C
ms
Fig. 8 Transient thermal impedance junction to case
Fig. 3 Forward characteristics
Fig. 4 Surge overload current
I
TSM: crest value, t: duration
Fig. 5 I2t versus time (1-10 ms)
Fig. 6 Power dissipation versus forward current and ambient temperature
Fig. 7 Max. forward current at case
temperature
T
VJ = 125°C
T
VJ = 45°C
50Hz, 80%V
RRM
T
VJ = 125°C
DC
180° sin
120°
60°
30°
R
thHA :
1 K/W
2 K/W
3 K/W
5 K/W
7.5 K/W
15 K/W
T
VJ = 45°C
DC
180° sin
120°
60°
30°
30°
60°
120°
180°
DC
V
R = 0 V
200
300
T
VJ = 25°C
T
VJ = 125°C
R
thJC for various conduction angles d:
dR
thJC (K/W)
DC
0.62
180
°
0.71
120
°
0.748
60
°
0.793
30
°
0.817
Constants for Z
thJC calculation:
iR
thi (K/W)
t
i (s)
1
0.206
0.013
2
0.362
0.118
3
0.052
1.488
400
CS 30



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com