Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4052BEY Datasheet(PDF) 2 Page - STMicroelectronics

Part # HCF4052BEY
Description  DIFFERENT 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4052BEY Datasheet(HTML) 2 Page - STMicroelectronics

  HCF4052BEY Datasheet HTML 1Page - STMicroelectronics HCF4052BEY Datasheet HTML 2Page - STMicroelectronics HCF4052BEY Datasheet HTML 3Page - STMicroelectronics HCF4052BEY Datasheet HTML 4Page - STMicroelectronics HCF4052BEY Datasheet HTML 5Page - STMicroelectronics HCF4052BEY Datasheet HTML 6Page - STMicroelectronics HCF4052BEY Datasheet HTML 7Page - STMicroelectronics HCF4052BEY Datasheet HTML 8Page - STMicroelectronics HCF4052BEY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
HCF4052B
2/11
INPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X : Don’t Care
FUNCTIONAL DIAGRAM
PIN No
SYMBOL
NAME AND FUNCTION
10, 9
A, B
Binary Control Inputs
6
INH
Inhibit Inputs
12, 14, 15,
11
0X to 3X
CHANNEL
IN/OUT
X channels Input/Output
1, 5, 2, 4
0Y to 3Y
CHANNEL
IN/OUT
Y channels Input/Output
3
COM Y OUT/
IN
Y Common Output/Input
13
COM X OUT/
IN
X Common Output/Input
7
VEE
Supply Voltage
8
VSS
Negative Supply Voltage
16
VDD
Positive Supply Voltage
INHIBIT
B
A
0
0
0
0x, 0y
0
0
1
1x, 1y
0
1
0
2x, 2y
0
1
1
3x, 3y
1
X
X
NONE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com