Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4052BM1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # HCF4052BM1
Description  DIFFERENT 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4052BM1 Datasheet(HTML) 5 Page - STMicroelectronics

  HCF4052BM1 Datasheet HTML 1Page - STMicroelectronics HCF4052BM1 Datasheet HTML 2Page - STMicroelectronics HCF4052BM1 Datasheet HTML 3Page - STMicroelectronics HCF4052BM1 Datasheet HTML 4Page - STMicroelectronics HCF4052BM1 Datasheet HTML 5Page - STMicroelectronics HCF4052BM1 Datasheet HTML 6Page - STMicroelectronics HCF4052BM1 Datasheet HTML 7Page - STMicroelectronics HCF4052BM1 Datasheet HTML 8Page - STMicroelectronics HCF4052BM1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
HCF4052B
5/11
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25°C, CL = 50pF, all input square wave rise and
fall time = 20 ns )
(1
) Both ends of channel.
* Peak to Peak voltage symmetrical about (VDD -VEE )/2
Parameter
Test Condition
Value
Unit
VEE
(V)
RL
(K
Ω)
fI
(KHz)
VI
(V)
VSS
(V)
VDD
(V)
Min. Typ. Max.
Propagation Delay
Time (signal input to
output)
200
VDD
530
60
ns
10
15
30
15
11
20
Frequency Response
Channel "ON" (sine
wave input) at
20 log VO/VI = - 3dB
=VSS
1
5(*)
10
VO at Common
OUT/IN
25
MHz
VO at any
channel
60
Feed through (all
channels OFF) at
20 log VO/VI = - 40dB
=VSS
1
5(*)
10
VO at Common
OUT/IN
10
MHz
VO at any
channel
8
Frequency Signal
Crosstalk at
20 log VO/VI = -40dB
=VSS
1
5(*)
10
Between
Sections
(measured on
common)
6
MHz
Between
Sections
(measured on
any channel)
10
Sine Wave Distortion
fIS = 1KHz Sine Wave
=VSS
10
1
2(*)
5
0.3
%
3(*)
10
0.2
5(*)
15
0.12
CONTROL (Address or Inhibit)
Propagation Delay:
Address to Signal
OUT (Channels ON
or OFF)
0
0
5
360
720
ns
0
0
10
160
320
0
0
15
120
240
-5
0
5
225
450
Propagation Delay:
Inhibit to Signal OUT
(Channel turning ON)
0
1
05
360
720
ns
0
0
10
160
320
0
0
15
120
240
-10
0
5
200
400
Propagation Delay:
Inhibit to Signal OUT
(Channel turning
OFF)
0
10
5
200
450
ns
010
90
210
015
70
160
-10
5
130
300
Address or Inhibit to
Signal Crosstalk
0
10 (1)
010
VC =VDD-VSS
(square wave)
65
mV
peak



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com