Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP05N100 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTP05N100
Description  N-Channel Enhancement Mode Avalanche Rated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP05N100 Datasheet(HTML) 4 Page - IXYS Corporation

  IXTP05N100 Datasheet HTML 1Page - IXYS Corporation IXTP05N100 Datasheet HTML 2Page - IXYS Corporation IXTP05N100 Datasheet HTML 3Page - IXYS Corporation IXTP05N100 Datasheet HTML 4Page - IXYS Corporation IXTP05N100 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXTA05N100HV IXTA05N100
IXTP05N100
Fig. 7. Transconductance
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.0
0.2
0.4
0.6
0.8
1.0
1.2
ID - Amperes
TJ = - 40ºC
125ºC
25ºC
Fig. 8. Forward Voltage Drop of Intrinsic Diode
0.0
0.4
0.8
1.2
1.6
2.0
2.4
0.4
0.45
0.5
0.55
0.6
0.65
0.7
0.75
0.8
0.85
0.9
VSD - Volts
TJ = 125ºC
TJ = 25ºC
Fig. 9. Gate Charge
0
1
2
3
4
5
6
7
8
9
10
01
23
4
5
67
8
QG - NanoCoulombs
VDS = 500V
I D = 1A
I G = 1mA
Fig. 10. Capacitance
1
10
100
1,000
0
5
10
15
20
25
30
35
40
VDS - Volts
f = 1 MHz
Ciss
Crss
Coss
Fig. 11. Forward-Bias Safe Operating Area @ TC = 25ºC
0.01
0.1
1
10
10
100
1,000
VCE - Volts
100µs
1ms
RDS(on) Limit
TJ = 150ºC
TC = 25ºC
Single Pulse
10ms
100ms
DC
Fig. 12. Forward-Bias Safe Operating Area @ TC = 75ºC
0.01
0.1
1
10
10
100
1,000
VCE - Volts
100µs
1ms
RDS(on) Limit
TJ = 150ºC
TC = 75ºC
Single Pulse
10ms
100ms
DC
25µs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com