Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JAN2N697 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # JAN2N697
Description  NPN MEDIUM POWER SILICON SWITCHING TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JAN2N697 Datasheet(HTML) 2 Page - Microsemi Corporation

  JAN2N697 Datasheet HTML 1Page - Microsemi Corporation JAN2N697 Datasheet HTML 2Page - Microsemi Corporation JAN2N697 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2N696, 2N696s, 2N697, 2N697s SERIES
ELECTRICAL CHARACTERISTICS (con’t)
Characteristics
Symbol
Min.
Max.
Unit
DYNAMIC CHARACTERISTICS
Magnitude of Common Emitter Small-Signal Short-Circuit
Forward-Current Transfer Ratio
IC = 50 mAdc, VCE = 10 Vdc; f = 20 MHz
2N696,s
2N697,s
h
fe
2.5
3.0
10
12
Output Capacitance
VCB = 10 Vdc, IE = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cobo
2.0
25
pF
SWITCHING CHARACTERISTICS
Turn-On Time
(See Figure 3 of MIL-PRF-19500/ 99)
ton
200
ηs
Turn-Off Time
(See Figure 4 of MIL-PRF-19500/99)
toff
1,000
ηs
(3) Pulse Test: Pulse Width 250 to 350
µs, Duty Cycle ≤ 2.0%.
6 Lake Street, Lawrence, MA 01841
120101



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com