Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N697S Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N697S
Description  NPN MEDIUM POWER SILICON SWITCHING TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N697S Datasheet(HTML) 1 Page - Microsemi Corporation

  2N697S Datasheet HTML 1Page - Microsemi Corporation 2N697S Datasheet HTML 2Page - Microsemi Corporation 2N697S Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA
NPN MEDIUM POWER SILICON SWITCHING TRANSISTOR
Qualified per MIL-PRF-19500/99
Devices
Qualified Level
2N696
2N696S
2N697
2N697S
MAXIMUM RATINGS
Ratings
Symbol
Value
Units
Collector-Base Voltage
VCBO
60
Vdc
Emitter-Base Voltage
VEBO
5.0
Vdc
Total Power Dissipation @ TA = 25
0C (1)
@ TC = 25
0C (2)
PT
0.6
2.0
W
W
Operating & Storage Junction Temperature Range
TJ, Tstg
-65 to +200
0C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max.
Unit
Thermal Resistance, Junction-to-Case
RθJC
0.075
0C/mW
1) Derate linearly 4.0 mW/
0C for TA > 250C
2) Derate linearly 13.3 mW/
0C for TC > 250C
*See appendix A for
package outline
ELECTRICAL CHARACTERISTICS (TA = 25
0C unless otherwise noted)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
RBE = 10 Ω, IC = 100 mAdc
V(BR)CER
40
Vdc
Collector-Base Cutoff Current
VCB = 100 Vdc
VCB = 30 Vdc
ICBO
10
0.1
µAdc
Emitter-Base Cutoff Current
VEB = 7.0 Vdc
IEBO
10
µAdc
ON CHARACTERISTICS
(3)
Forward-Current Transfer Ratio
IC = 150 mAdc, VCE = 10 Vdc
2N696,s
2N697,s
IC = 500 mAdc, VCE = 10 Vdc
2N696,s
2N697,s
hFE
20
40
12.5
20.0
60
120
Collector-Emitter Saturation Voltage
IC = 150 mAdc, IB = 15 mAdc
VCE(sat)
0.3
1.5
Vdc
Base-Emitter Saturation Voltage
IC = 150 mAdc, IB = 15 mAdc
VBE(sat)
1.3
Vdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2
TO-5*
JAN


Similar Part No. - 2N697S

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N697 SEME-LAB-2N697 Datasheet
16Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39
logo
New Jersey Semi-Conduct...
2N697 NJSEMI-2N697 Datasheet
123Kb / 1P
SILICON
logo
Continental Device Indi...
2N697 CDIL-2N697 Datasheet
200Kb / 3P
NPN SILICON EPITAXIAL TRANSISTOR
logo
American Microsemicondu...
2N697 AMMSEMI-2N697 Datasheet
439Kb / 1P
Amplifiers & Switches
logo
List of Unclassifed Man...
2N697 ETC1-2N697 Datasheet
2Mb / 6P
GERMANIUM PNP TRANSISTORS
More results

Similar Description - 2N697S

ManufacturerPart #DatasheetDescription
logo
Rohm
UMT2222A ROHM-UMT2222A Datasheet
79Kb / 3P
NPN Medium Power Transistor (Switching)
SST4401 ROHM-SST4401 Datasheet
88Kb / 4P
NPN Medium Power Transistor (Switching)
logo
Microsemi Corporation
2N1479 MICROSEMI-2N1479 Datasheet
55Kb / 2P
NPN SILICON MEDIUM POWER TRANSISTOR
2N4237 MICROSEMI-2N4237 Datasheet
56Kb / 2P
NPN MEDIUM POWER SILICON TRANSISTOR
logo
Rohm
SST4401 ROHM-SST4401_07 Datasheet
104Kb / 4P
NPN Medium Power Transistor (Switching)
UMT2222A ROHM-UMT2222A_07 Datasheet
114Kb / 4P
NPN Medium Power Transistor (Switching)
UMT2222AT106 ROHM-UMT2222AT106 Datasheet
92Kb / 4P
NPN Medium Power Transistor (Switching)
logo
Microsemi Corporation
JAN2N1479 MICROSEMI-JAN2N1479 Datasheet
57Kb / 2P
NPN SILICON MEDIUM POWER TRANSISTOR
JAN2N1480 MICROSEMI-JAN2N1480 Datasheet
57Kb / 2P
NPN SILICON MEDIUM POWER TRANSISTOR
logo
SeCoS Halbleitertechnol...
BCP56 SECOS-BCP56_15 Datasheet
173Kb / 2P
NPN Silicon Medium Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com