Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP12110 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIP12110
Description  6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP12110 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIP12110 Datasheet HTML 1Page - Vishay Siliconix SIP12110 Datasheet HTML 2Page - Vishay Siliconix SIP12110 Datasheet HTML 3Page - Vishay Siliconix SIP12110 Datasheet HTML 4Page - Vishay Siliconix SIP12110 Datasheet HTML 5Page - Vishay Siliconix SIP12110 Datasheet HTML 6Page - Vishay Siliconix SIP12110 Datasheet HTML 7Page - Vishay Siliconix SIP12110 Datasheet HTML 8Page - Vishay Siliconix SIP12110 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SiP12110
www.vishay.com
Vishay Siliconix
S14-1891-Rev. A, 15-Sep-14
2
Document Number: 64299
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MARKING
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ORDERING INFORMATION
PART NUMBER
PACKAGE
MARKING
(LINE 2: P/N)
SiP12110DMP-T1-GE4
QFN16 3x3
2110
SiP12110DB
Reference board
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL PARAMETER
CONDITIONS
LIMIT
UNIT
VIN
Reference to PGND
-0.3 to +16
V
VCC
Reference to AGND
-0.3 to +6
LX
Reference to PGND
-1 to +16
LX (AC voltage)
100 ns; reference to PGND
-2 to +17
10 ns; reference to PGND
-6 to +17
BOOT
-0.3 to VIN + VCC
AGND to PGND
-0.3 to +0.3
All Logic Inputs and Outputs
(RON, COMP, VFB, SS, EN, PGOOD)
Reference to AGND
-0.3 to VCC +0.3
TEMPERATURE
Max. Operating Junction Temperature
-40 to +150
°C
Storage Temperature
-65 to +150
POWER DISSIPATION
Junction to Ambient Thermal Impedance
(RthJA)
36.3
°C/W
Maximum Power Dissipation
Ambient temperature = 25 °C
3.4
W
Ambient temperature = 100 °C
1.3
ESD PROTECTION
Electrostatic Discharge Protection
Human body model, JESD22-A114
2
kV
Format:
Line 1: Dot
Line 2: P/N
Line 3: Siliconix logo + ESD symbol
Line 4: Factory code + year code + work week code + LOT code
P/N
FYWLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com