Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP12117 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIP12117
Description  3 A Current Mode Constant On-Time Synchronous Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP12117 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIP12117 Datasheet HTML 1Page - Vishay Siliconix SIP12117 Datasheet HTML 2Page - Vishay Siliconix SIP12117 Datasheet HTML 3Page - Vishay Siliconix SIP12117 Datasheet HTML 4Page - Vishay Siliconix SIP12117 Datasheet HTML 5Page - Vishay Siliconix SIP12117 Datasheet HTML 6Page - Vishay Siliconix SIP12117 Datasheet HTML 7Page - Vishay Siliconix SIP12117 Datasheet HTML 8Page - Vishay Siliconix SIP12117 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
SiP12117
www.vishay.com
Vishay Siliconix
S17-0307-Rev. B, 06-Mar-17
2
Document Number: 62973
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PIN CONFIGURATION
Fig. 2 - SiP12117 Pin Configuration (Bottom View)
MARKING
PIN CONFIGURATION
PIN NUMBER
NAME
FUNCTION
1FB
Feedback voltage 0.6 V (typ.) input. Use a resistor divider between VOUT and thermal pad to set the output
voltage
2VCC
Internal regulator output
3VIN
Input supply voltage for power MOS and regulator. VIN = 4.5 V to 15 V
4, 5
PGND
Power ground
6, 7
LX
Switching node, inductor connection point
8BOOT
Bootstrap pin - connect a capacitor of at least 100 nF from BOOT to LX to develop the floating supply
for the high-side gate driver
9PGOOD
Power good output. Open drain
10
EN
Enable input. Pull enable above 1.5 V to enable and below 0.4 V to disable the part. Do not float this pin
Pad
AGND
Analog ground. The pad also improves thermal performance
ORDERING INFORMATION
PART NUMBER
PACKAGE
MARKING (LINE 1: P/N)
SiP12117DMP-T1-GE4
DFN10 3 x 3
2117
SiP12117DB
Reference board
1 FB
2 VCC
3 VIN
4 PGND
5 PGND
LX 6
LX 7
BOOT 8
PGOOD 9
EN 10
AGND
pad
Format:
Line 1: Dot
Line 2: P/N
Line 3: Siliconix logo + ESD dymbol
Line 4: Factory code + year code + work week code + LOT code
P/N
FYWLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com