Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP32104 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIP32104
Description  6.5 m, Bidirectional Battery Switch in Compact WCSP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32104 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIP32104 Datasheet HTML 1Page - Vishay Siliconix SIP32104 Datasheet HTML 2Page - Vishay Siliconix SIP32104 Datasheet HTML 3Page - Vishay Siliconix SIP32104 Datasheet HTML 4Page - Vishay Siliconix SIP32104 Datasheet HTML 5Page - Vishay Siliconix SIP32104 Datasheet HTML 6Page - Vishay Siliconix SIP32104 Datasheet HTML 7Page - Vishay Siliconix SIP32104 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SiP32104
www.vishay.com
Vishay Siliconix
S17-0469-Rev. B, 03-Apr-17
2
Document Number: 78609
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Negative current injection up to 300 mA
b. All bumps soldered to 1" x 1", 2 oz. copper, 4 layers PC board
c. Derate 13.7 mW/°C above TA = 70 °C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating/conditions for extended periods may affect device reliability.
Notes
a. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum
b. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing
c. For VIN outside this range consult typical EN, EN threshold curve
ABSOLUTE MAXIMUM RATINGS
PARAMETER
CONDITIONS
LIMIT
UNIT
VPA, VPB
Reference to GND
-0.3 to +6
V
Pulse at 1 ms reference to GND a
-1.6
VEN
Reference to GND
-0.3 to +6
Maximum continuous switch current
7
A
Maximum pulse current
100 μs pulse
15
ESD (HBM)
8000
V
Operating temperature
-40 to +85
°C
Operating junction temperature
125
Storage temperature
-65 to +150
Thermal resistance (
JA)
b
73
°C/W
Power dissipation (PD) b, c
TA = 70 °C
1096
mW
SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS UNLESS SPECIFIED
LIMITS
UNIT
VIN = VPA/VPB = 2.3 V to 5.5 V, TA = -40 °C to +85 °C
(Typical values are at VPA, VPB = 4.2 V,
CPA, CPB = 0.1 μF, TA = 25 °C)
MIN. a
TYP. b
MAX. a
Power Supply
Operating voltage c
VPA/PB
2.3
-
5.5
V
Quiescent current
IQ
VEN = 0 V, no load
-
110
400
nA
Shutdown current
ISHDN
VEN = VIN, no load
-
110
400
nA
Internal FET
On-resistance
RDS(on)
VPA/VPB = 2.3 V, IL = 500 mA, TA = 25 °C
-
8
13
m
VPA/VPB = 3.3 V, IL = 500 mA, TA = 25 °C
-
6.5
10
Control
EN Input logic-low voltage c
VIL
--
0.4
V
EN Input logic-high voltage c
VIH
1.4
-
-
EN Input logic hysteresis
VI(HYS)
-
> 200
-
mV
Timing
Output turn-on delay time
td(on)
VIN = 4.2 V, RL = 100 , CL = 0.1 μF, TA = 25 °C
-0.8
-
ms
Output turn-on rise time
tr
-1
-
Output turn-off delay time
td(off)
-0.12-
Output turn-off fall time
tf
-0.1
-



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com