Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP41103DM Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SIP41103DM
Description  Synchronous Rectification N-Channel MOSFET Driver for DC/DC Conversion
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP41103DM Datasheet(HTML) 6 Page - Vishay Siliconix

  SIP41103DM Datasheet HTML 1Page - Vishay Siliconix SIP41103DM Datasheet HTML 2Page - Vishay Siliconix SIP41103DM Datasheet HTML 3Page - Vishay Siliconix SIP41103DM Datasheet HTML 4Page - Vishay Siliconix SIP41103DM Datasheet HTML 5Page - Vishay Siliconix SIP41103DM Datasheet HTML 6Page - Vishay Siliconix SIP41103DM Datasheet HTML 7Page - Vishay Siliconix SIP41103DM Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
6
Document Number: 72718
S-
61692–Rev. E, 04-Sep-06
Vishay Siliconix
SiP41103
on LX falls below 1 V by the inductor action, the low-
side driver is enabled and OUTL goes high after some
delay. When the signal on PWM goes high, OUTL will
go low after an internal propagation delay. After the
voltage on OUTL drops below 1 V the high-side driver
is enabled OUTH will go high after an internal propaga-
tion delay. If LX does not drop below 1 V within 400 ns
after OUTH goes low, OUTL is forced high until the next
PWM transition.
Delay
The addition of a capacitor between DELAY and GND
will increase the propagation delay time for OUTH
going high. Delay capacitance may be added to pre-
vent shoot-through current in the low-side MOSFET
due to the finite time between OUTL going low and the
continuing conduction of the low-side MOSFET.
Choose a MOSFET with lower gate resistance to
reduce this effect. If necessary, choose a capacitor
value that prevents MOSFET conduction under worst-
case temperature and manufacturing conditions. Prop-
agation delay is increased according to the ratio of
1.2 ns/pF.
Synchronous MOSFET Enable
Under
light
load
conditions,
efficiency
can
be
increased by disabling the synchronous MOSFET,
thus avoiding the gate charge losses of the synchro-
nous MOSFET. When ENSYNC is low, OUTL is forced
low. When high, the low-side driver operates normally.
ENSYNC should be driven by a 5-V signal.
Shutdown
The driver enters shutdown mode when a period of
inactivity on PWM elapses. Shutdown current is less
than 1 µA.
VDD Bypass Capacitor
MOSFET drivers draw large peak currents from the
supplies when they switch. A local bypass capacitor is
required to supply this current and reduce power sup-
ply noise. Connect a 1 µF ceramic capacitor as close
as practical between the VDD and GND pins.
Undervoltage Lockout
Undervoltage lockout prevents control of the circuit
until the supply voltages reach valid operating levels.
The UVLO circuit forces OUTL and OUTH to low when
VDD is below its specified voltage. A separate UVLO
forces OUTH low when the voltage between BOOT
and LX is below the specified voltage.
Thermal Protection
If the temperature rises above 165 °C, the thermal pro-
tection disables the drivers. The drivers are re-enabled
after the temperature has decreased below 140 °C.
TYPICAL CHARACTERISTICS
IDD vs. CLOAD vs. Frequency
0
10
20
30
40
50
0
1234
5
CLOAD (nF)
1 MHz
500 kHz
200 kHz
High Side Turn On Delay vs. CDELAY
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
0
1020304050
60708090 100 110
CDelay (pF)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com