Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1644 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC1644
Description  CompactPCI Bus Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1644 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC1644 Datasheet HTML 16Page - Linear Technology LTC1644 Datasheet HTML 17Page - Linear Technology LTC1644 Datasheet HTML 18Page - Linear Technology LTC1644 Datasheet HTML 19Page - Linear Technology LTC1644 Datasheet HTML 20Page - Linear Technology LTC1644 Datasheet HTML 21Page - Linear Technology LTC1644 Datasheet HTML 22Page - Linear Technology LTC1644 Datasheet HTML 23Page - Linear Technology LTC1644 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTC1644
21
1644f
APPLICATIO S I FOR ATIO
that in all LTC1644 circuit schematics, zener diodes and
snubber networks have been added to the 12VIN and VEEIN
(–12V) supply rail and should be used always. Since the
absolute maximum supply voltage of the LTC1644 is
13.2V, snubber networks are not necessary on the 3VIN or
the 5VIN supply lines. Zener diodes, however, are recom-
mended as these devices provide large-scale transient
protection for the LTC1644 against PCI backplane fault
occurrences. All protection networks should be mounted
very close to the LTC1644’s supply voltage using short
lead lengths to minimize lead inductance. This is shown
schematically in Figures 15 and 16 and a recommended
layout of the transient protection devices around the
LTC1644 is shown in Figure 17.
sinusoidal response whose duration and period is depen-
dent on the resonant circuit parameters. Since the abso-
lute maximum supply voltage of the LTC1644 is 13.2V,
transient protection against 12VIN and VEEIN supply volt-
age spikes and ringing is highly recommended.
In these applications, there are two methods for eliminat-
ing these supply voltage transients: using Zener diodes to
clip the transient to a safe level and snubber networks.
Snubber networks are series RC networks whose time
constants are experimentally determined based on the
board’s parasitic resonant circuits. As a starting point, the
capacitors in these networks are chosen to be 10
× to 100×
the power MOSFET’s COSS under bias. The series resistor
is a value determined experimentally and ranges from 1
Ω
to 50
Ω, depending on the parasitic resonant circuit. Note
Figure 15. Place Transient Protection Devices Close to LTC1644’s 5VIN and 3VIN Pins
C1
0.047
µF
3VIN
3VIN
3.3V
5VIN
5V
3VSENSE
17
3VOUT
18
5VIN
13
5VOUT
3
5VSENSE
14
16
GATE
15
R3
10
Ω
R4
10
Ω
5VOUT
5V
3VOUT
3.3V
R5
1k
R1
0.005
Ω
Q1
IRF7413
Q2
IRF7413
R2
0.007
Ω
Z3
Z4
LTC1644*
1644 F15
GND
8
Z3, Z4: 1PMT5.0AT3
*ADDITIONAL DETAILS OMITTED FOR CLARITY
Figure 16. Place Transient Protection Devices
Close to LTC1644’s 12VIN and VEEIN Pins
Figure 17. Recommended Layout for Transient Protection Components
12VIN
1
VEEIN
12VIN
–12VIN
2
Z1
Z2
R16
1
Ω
C5
0.01
µF
LTC1644*
1644 F16
GND
8
Z1, Z2: SMAJ12CA
*ADDITIONAL DETAILS OMITTED FOR CLARITY
R15
1
Ω
C4
0.01
µF
VIAS TO
GND PLANE
C4
R13
GND
5VIN
LTC1644*
*ADDITIONAL DETAILS OMITTED FOR CLARITY
DRAWING IS NOT TO SCALE!
1644 F17
3VIN
VEEIN
12VIN
Z1
Z2
Z3
Z4
C5
R14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com