Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1923 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC1923
Description  High Efficiency Thermoelectric Cooler Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1923 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC1923 Datasheet HTML 17Page - Linear Technology LTC1923 Datasheet HTML 18Page - Linear Technology LTC1923 Datasheet HTML 19Page - Linear Technology LTC1923 Datasheet HTML 20Page - Linear Technology LTC1923 Datasheet HTML 21Page - Linear Technology LTC1923 Datasheet HTML 22Page - Linear Technology LTC1923 Datasheet HTML 23Page - Linear Technology LTC1923 Datasheet HTML 24Page - Linear Technology LTC1923 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21
LTC1923
1923f
APPLICATIO S I FOR ATIO
–
+
REF
VOUT
TMP
CMD
LTC1658
10k
NTC
LTC1923
FB
ERROR
AMPLIFIER
1923 F13
4.7
µF
10M
10k
100k
6
CNTRL
4
EAOUT
5
Figure 13. Simplifed Temperature Control Loop Omitting
the LTC2053 Instrumentation Amplifier Front End
with CA on the order of CB and note its affect on system
response. Adjust the values based on observing whether
the transient response was improved or not with the goal
of reducing CB to improve settling time. As the system
thermal poles can vary between “identical” laser modules
(i.e., same manufacturer and model), care must be taken
to ensure that the values selected provide the desired
response even with these thermal term variations. Com-
pensation should also be tailored for each unique laser
module as thermal terms can vary significantly between
different brands. CC rolls off high frequency gain , mini-
mizing noise in the outputs. It is typically about 25 times
smaller than CB. CA, CB and CC should be film capacitors.
Temperature Stability
It is important to differentiate between temperature accu-
racy and stability. Since each laser’s output maximizes at
some temperature, temperature setpoint is typically
incremented until this peak is achieved. After this, only
temperature stability is required. The predominant param-
eters which affect temperature stability are the thermistor,
the thermistor biasing resistor and any offset drift of the
front-end electrical circuitry. Sufficient loop gain ensures
that any downstream variations do not contribute signifi-
cantly to temperature stability. The relatively mild operat-
ing conditions inside the laser module promote good long-
term thermistor stability. A high quality, low temperature
coefficient resistor should be selected to bias the ther-
mistor. If the 10k resistor has a 100ppm/
°C temperature
coefficient, this translates into a 0.18
°C setpoint tempera-
ture differential over a 0
°C to 70°C ambient for a desired
25
°C laser setpoint. Depending upon the temperature
stability requirements of the system, this is very signifi-
cant. A lower temperature coefficient resistor may there-
fore be desired. The LTC2053 has maximum offset drift to
50nV/
°C which translates into less than 0.001°C change
for a 0
°C to 70°C ambient.
The offset drift of the LTC1923 error amplifier divided by
the gain of the LTC2053 also affects temperature stability.
The offset drift of the LTC1923 (see characteristic curves)
is typically 1mV over a 0
°C to 70°C ambient. After attenu-
ation by the LTC2053 gain, this translates into a tempera-
ture setpoint variation of 0.004
°C. Neither of these offsets
drifts significantly with aging. Depending upon the setpoint
temperature stability requirements of the system, the
LTC2053 instrumentation amplifier may not be necessary.
Figure 13 shows a simplified schematic with the LTC2053
omitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com