Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

08095990 Datasheet(PDF) 2 Page - Littelfuse

Part # 08095990
Description  The range of single-pole electronic current isolating switches which are specifically designed for ADR equipped vehicles in accordance with ADR regulations on the subject of road transport of dangerous materials
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

08095990 Datasheet(HTML) 2 Page - Littelfuse

  08095990 Datasheet HTML 1Page - Littelfuse 08095990 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2017 Littelfuse Commercial Vehicle Products
Rev:072817
littelfuse.com
Commercial Vehicle Product Datasheet
Dimensions in millimeters
08095800 & 08096590 BATTERY DISCONNECT SWITCHES
Visit Littelfuse.com for the most up-to-date product information. Littelfuse reserves the right to make product changes, without notice.
Material in this document is as accurate as known at the time of publication.
M10
1,6 mm
3,5 mm
08095800-08095900
08095890-08095990
08096400-08096500
08096490-08096590
08096561
08096563
08096562
2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com