Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

08099400 Datasheet(PDF) 2 Page - Littelfuse

Part # 08099400
Description  350A Manual battery master switch with removable or fixed handle
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

08099400 Datasheet(HTML) 2 Page - Littelfuse

  08099400 Datasheet HTML 1Page - Littelfuse 08099400 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
littelfuse.com
Commercial Vehicle Product Datasheet
© 2017 Littelfuse Commercial Vehicle Products
Rev:072817
littelfuse.com
Commercial Vehicle Product Datasheet
2 of 2
Dimensions in millimeters
08098500 & 08099400 BATTERY DISCONNECT SWITCHES
Visit Littelfuse.com for the most up-to-date product information. Littelfuse reserves the right to make product changes, without notice.
Material in this document is as accurate as known at the time of publication.
40
M10
M12
37
111
ON position
ON position
OFF position
OFF position
08098500
08098600
08098500
08098600 (remov. handle)
08099400
08099400
08099400



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com