Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

08099080 Datasheet(PDF) 1 Page - Littelfuse

Part # 08099080
Description  08098700 is Standard Compact Manual Battery Disconnect Switch that features a removable handle with a plastic body
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

08099080 Datasheet(HTML) 1 Page - Littelfuse

  08099080 Datasheet HTML 1Page - Littelfuse 08099080 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
littelfuse.com
Commercial Vehicle Product Datasheet
© 2017 Littelfuse Commercial Vehicle Products
Rev: 090117
littelfuse.com
Commercial Vehicle Product Datasheet
1 of 2
08098700 & 08099080 BATTERY DISCONNECT SWITCHES
100-150A • SPST • UP4X/IP43 • M8-M10 Studs • Compact
Specifications
Max Operating Voltage:
24V DC
Max Continuous Current:
100A
150A
Intermittent Current:
500A at 5 sec
1000A at 5 sec
Operating Temp:
-40 °C to +85 °C
Ingress Protection:
IP4X
IP43
Contacts:
Copper
Terminals:
M8 (zinc-plated steel nuts)
M10 (zinc-plated steel and brass nuts)
Applications
• Off-Road
• Agricultural
• Marine
Web Resources
Download technical resources at:
littelfuse.com/ManualBatterySwitches
Description
08098700 is Standard Compact Manual Battery Disconnect
Switch that features a removable handle with a plastic body.
Rated to 100A continuous current this switch is ideal for light-
duty applications.
08099000 same 08098700 but with rubber cap included for
protection while switch is removed from the socket.
08098780 is a newer design with bigger contacts (M10) and
improved components for heavier 150A current loads in the
same compact dimensions, which make it one of the more
popular products for 12V applications. This Manual Battery
Disconnect Switch features a removable handle
with a plastic body.
08099080 same 08098780 but with rubber cap included for
protection while switch is removed from the socket.
Features/Benefits
• 100-150A continuous current rating
• Heavy Construction for up to 150A
loads in compact design
• Highly visible bright red handle
• Weatherproof to IP43
Mounting Diagram
There are no functionality issues
related to installation
Electrical Diagram
Ordering Information
PART NUMBER
VOLTAGE
AMPERAGE
CIRCUITRY
MOUNTING
INGRESS
TERMINAL
NUTS
NOTES
08098700
12V-24V DC
100A
SPST
Flange Mount
IP4X
M8 Steel zinc-plated
08098768
12V-24V DC
100A
SPST
Flange Mount
IP4X
M8 Steel zinc-plated
Threaded brass pads
08098780
12V-24V DC
150A
SPST
Flange Mount
IP4X
M10 Brass
08099000
12V-24V DC
100A
SPST
Flange Mount
IP43
M8 Steel zinc-plated
Rubber protection cap
08099080
12V-24V DC
150A
SPST
Flange Mount
IP43
M10 Steel zinc-plated
Rubber protection cap
38
24
6,5
38
24
6,5
38
24
6,5
08098700 M8
08098780 M10
08099000 M8
08099080 M10
Threaded
brass pads
by 08098768


Similar Part No. - 08099080

ManufacturerPart #DatasheetDescription
logo
Littelfuse
08099080 LITTELFUSE-08099080 Datasheet
159Kb / 1P
24V COMPACT SPST MANUAL BATTERY DISCONNECT SWITCH
2022 Littelfuse, Inc.
08099080-BP LITTELFUSE-08099080-BP Datasheet
159Kb / 1P
24V COMPACT SPST MANUAL BATTERY DISCONNECT SWITCH
2022 Littelfuse, Inc.
08099080-BX LITTELFUSE-08099080-BX Datasheet
159Kb / 1P
24V COMPACT SPST MANUAL BATTERY DISCONNECT SWITCH
2022 Littelfuse, Inc.
More results

Similar Description - 08099080

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-4135 MACOM-408-4135 Datasheet
246Kb / 6P
The tool features a tool frame with a stationary jaw and handle, a moving jaw, a moving handle, and an adjustable ratchet that ensures full contact crimping.
408-4343 MACOM-408-4343 Datasheet
246Kb / 5P
The tool features a tool frame with a stationary jaw and handle, a moving jaw, a moving handle, and an adjustable ratchet that ensures full contact crimping.
408-4404 MACOM-408-4404 Datasheet
132Kb / 5P
The tool features a tool frame with a stationary jaw and handle, a moving jaw, a moving handle, and an adjustable ratchet that ensures full contact crimping.
408-10381 MACOM-408-10381 Datasheet
246Kb / 6P
The tool features a tool frame with a stationary jaw and handle, a moving jaw, a moving handle, and an adjustable ratchet that ensures full contact crimping.
logo
Littelfuse
08084000 LITTELFUSE-08084000 Datasheet
832Kb / 2P
250A-350A-500A bipolar disconnect switch with fixed or removable handle
08098500 LITTELFUSE-08098500 Datasheet
639Kb / 2P
350A Manual battery master switch with removable or fixed handle
08098800 LITTELFUSE-08098800 Datasheet
595Kb / 2P
250A/350A Manual battery master switch with removable or fixed handle and locked
08099100 LITTELFUSE-08099100 Datasheet
586Kb / 2P
250A/350A Manual battery master switch with removable or fixed handle. Available with weather protective boots
08010300 LITTELFUSE-08010300 Datasheet
309Kb / 2P
Dual Pole Manual Battery Disconnect Switch features model with a removable handle with chain so it never gets lost or a model with a fixed handle with integrated Lock-Out Tag-Out for applications where required
LAS LITTELFUSE-LAS Datasheet
159Kb / 1P
24V COMPACT SPST MANUAL BATTERY DISCONNECT SWITCH
2022 Littelfuse, Inc.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com