Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

08099100 Datasheet(PDF) 1 Page - Littelfuse

Part # 08099100
Description  250A/350A Manual battery master switch with removable or fixed handle. Available with weather protective boots
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

08099100 Datasheet(HTML) 1 Page - Littelfuse

  08099100 Datasheet HTML 1Page - Littelfuse 08099100 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
littelfuse.com
Commercial Vehicle Product Datasheet
© 2017 Littelfuse Commercial Vehicle Products
Rev:072817
littelfuse.com
Commercial Vehicle Product Datasheet
1 of 2
08099100 & 08099500 BATTERY DISCONNECT SWITCHES
250A/350A • SPST • IP65 • M10/M12 Studs
Specifications
Max Operating Voltage:
24V DC
Max Continuous Current:
250A & 350A
Intermittent Current:
2500A at 3 sec
Operating Temp:
-40 °C to +85 °C
Ingress Protection:
IP65
Contacts:
Silver-plated Copper
Terminals:
M10 (brass nuts)
M12 (inox nuts)
Applications
• Heavy Truck
• Mining
• Off-Road
• Agricultural
• Emergency Vehicles
• Material Handling
Web Resources
Download 2D print and technical resources at:
littelfuse.com/ManualBatterySwitches
Description
250A/350A Manual battery master switch with removable or
fixed handle. Available with weather protective boots.
08099100 is interchangeable with IVECO 4822229
08099170 is interchangeable with IVECO 500362400
08099500 (change-over contact) is interchangeable with IVECO
99458665, supplementary contact 1A and high load
supplementary contact 5A
Features/Benefits
• 250-350A continuous current rating
• With aluminum fixed handle or removable key
• Robust body in thermoplastic material
• Waterproof to IP65
Mounting Diagram
Electrical Diagram
PART NUMBER
VOLTAGE
AMPERAGE
CIRCUITRY
MOUNTING
INGRESS
TERMINAL
NUTS
NOTES
08099100
12-24V DC
250A
SPST
Through-Hole
IP65
M10 Brass
Fixed handle
08098300
12-24V DC
250A
SPST
Through-Hole
IP65
M10 Brass
Removable key
08099170
12-24V DC
250A
SPST
Through-Hole
IP65
M10 Brass
Fixed handle
08099500
12-24V DC
250A
SPST
Through-Hole
IP65
M10 Brass
Fixed handle
(change-over contact)
08099200
12-24V DC
350A
SPST
Through-Hole
IP65
M12 Inox
Fixed handle
30
30.5
4.3
M6
M10
M12
With supplementary
contacts (08099500)
Standard
contacts
08099200
08099500
08099170
08098300
08099100
Ordering Information


Similar Part No. - 08099100

ManufacturerPart #DatasheetDescription
logo
Littelfuse
08099000 LITTELFUSE-08099000 Datasheet
405Kb / 2P
08098700 is Standard Compact Manual Battery Disconnect Switch that features a removable handle with a plastic body
08099000 LITTELFUSE-08099000 Datasheet
159Kb / 1P
24V COMPACT SPST MANUAL BATTERY DISCONNECT SWITCH
2022 Littelfuse, Inc.
08099080 LITTELFUSE-08099080 Datasheet
405Kb / 2P
08098700 is Standard Compact Manual Battery Disconnect Switch that features a removable handle with a plastic body
08099080 LITTELFUSE-08099080 Datasheet
159Kb / 1P
24V COMPACT SPST MANUAL BATTERY DISCONNECT SWITCH
2022 Littelfuse, Inc.
08099080-BP LITTELFUSE-08099080-BP Datasheet
159Kb / 1P
24V COMPACT SPST MANUAL BATTERY DISCONNECT SWITCH
2022 Littelfuse, Inc.
More results

Similar Description - 08099100

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CX4SMAT EUROQUARTZ-CX4SMAT Datasheet
121Kb / 1P
Available with glass or cermic lid
logo
Molex Electronics Ltd.
130112-0129 MOLEX11-130112-0129 Datasheet
31Kb / 1P
Handle Assembly with Guard for Spotlight & Floodlight with Switch
logo
Littelfuse
08084000 LITTELFUSE-08084000 Datasheet
832Kb / 2P
250A-350A-500A bipolar disconnect switch with fixed or removable handle
08098500 LITTELFUSE-08098500 Datasheet
639Kb / 2P
350A Manual battery master switch with removable or fixed handle
08098700 LITTELFUSE-08098700 Datasheet
405Kb / 2P
08098700 is Standard Compact Manual Battery Disconnect Switch that features a removable handle with a plastic body
08098800 LITTELFUSE-08098800 Datasheet
595Kb / 2P
250A/350A Manual battery master switch with removable or fixed handle and locked
08010300 LITTELFUSE-08010300 Datasheet
309Kb / 2P
Dual Pole Manual Battery Disconnect Switch features model with a removable handle with chain so it never gets lost or a model with a fixed handle with integrated Lock-Out Tag-Out for applications where required
logo
Linear Technology
LTC1559-3.3 LINER-LTC1559-3.3 Datasheet
252Kb / 20P
Backup Battery Controller with Fixed Output
logo
M-System Co.,Ltd.
HPSN MSYSTEM-HPSN Datasheet
65Kb / 1P
MANUAL OPERATION HANDLE
logo
Littelfuse
75920 LITTELFUSE-75920 Datasheet
216Kb / 2P
36V MASTER BATTERY DISCONNECT SWITCH
2022 Littelfuse, Inc. 072022-A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com