Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCMSAU2 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCMSAU2
Description  2 Watt DC/DC Power Converters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMSAU2 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCMSAU2 Datasheet HTML 1Page - Wall Industries,Inc. DCMSAU2 Datasheet HTML 2Page - Wall Industries,Inc. DCMSAU2 Datasheet HTML 3Page - Wall Industries,Inc. DCMSAU2 Datasheet HTML 4Page - Wall Industries,Inc. DCMSAU2 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev B
DCMSAU2 SERIES
2 Watt DC/DC Power Converters
10/23/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 5
SPECIFICATIONS: DCMSAU2 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
5VDC nominal input models
4.5
5
5.5
VDC
12VDC nominal input models
10.8
12
13.2
24 VDC nominal input models
21.6
24
26.4
Input Surge Voltage (1sec, max.)
5VDC nominal input models
-0.7
9
VDC
12VDC nominal input models
-0.7
18
24 VDC nominal input models
-0.7
30
Reverse Polarity Input Current
0.3
A
Input Current
See Table
Internal Power Dissipation
650
mW
Input Filter
Internal capacitor
Input Fuse
5VDC nominal input models
1000mA slow-blow type
12VDC nominal input models
500mA slow-blow type
24 VDC nominal input models
200mA slow-blow type
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Voltage Accuracy
±1.5
±4.0
%
Output Voltage Balance (Dual Outputs) Balanced loads
±0.1
±1.0
%
Line Regulation
For Vin change of 1%
±1.2
±1.5
%
Load Regulation
20% load to 100% load
See Table
Output Power
2
W
Output Current
See Table
Minimum Load
See Note 1
See Table
Maximum Capacitive Load
See Table
Ripple & Noise (20MHz)
100
120
mVp-p
Over line, over load, and over temperature
200
mVp-p
15
mV rms
Temperature Coefficient
±0.01
±0.02
%/°C
PROTECTION
Short Circuit Protection
0.5
s
GENERAL SPECIFICATIONS
Efficiency
Nominal input voltage and full load
See Table
Switching Frequency
50
100
120
KHz
Isolation Voltage (I/P to O/P)
60 seconds
1000
VDC
Isolation Resistance (I/P to O/P)
500VDC
1000
MΩ
Isolation Capacitance (I/P to O/P)
100KHz, 1V
60
100
pF
ENVIRONMENTAL SPECIFICATIONS
Operating Ambient Temperature
See derating curve
-40
+85
°C
Case Temperature
+90
°C
Storage Temperature
-50
+125
°C
Relative Humidity
Non-condensing
95
% RH
Cooling
Free air convection
Lead Temperature
1.5mm from case for 10 sec.
300
°C
Moisture Sensitivity Level (MSL)
IPC/JEDEC J-STD-020D
Level 3
MTBF
MIL-HDBK-217F at 25°C, ground benign
2,000,000 hours
PHYSICAL SPECIFICATIONS
Weight
Single Output Models
0.05oz (1.5g)
Dual Output Models
0.08oz (2.2g)
Dimensions (L x W x H)
Single Output Models
0.50 x 0.37 x 0.34 inch
(12.7 x 9.3 x 8.65 mm)
Dual Output Models
0.60 x 0.37 x 0.34 inch
(15.3 x 9.3 x 8.65 mm)
Case Material
Flammability to UL 94V-0 rated
Molding



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com