Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KLS2 Datasheet(PDF) 1 Page - Lumberg

Part # KLS2
Description  Jack connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

KLS2 Datasheet(HTML) 1 Page - Lumberg

  KLS2 Datasheet HTML 1Page - Lumberg KLS2 Datasheet HTML 2Page - Lumberg KLS2 Datasheet HTML 3Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
15 KLS 2
01/2018
1
Jack connectors
Jack plug acc. to JIS C 6560 JC35P2, 3.5 mm, 2 poles/mono,
straight version, ball headed, with bend protection and
solder terminals
State: Active
of 3


Similar Part No. - KLS2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KLS216 ETC2-KLS216 Datasheet
608Kb / 9P
LED CHASER LIGHT
logo
Lumberg
KLS22 LUMBERG-KLS22 Datasheet
912Kb / 3P
Jack connectors
More results

Similar Description - KLS2

ManufacturerPart #DatasheetDescription
logo
Lumberg
150001 LUMBERG-150001 Datasheet
445Kb / 3P
Jack connectors
150102 LUMBERG-150102 Datasheet
526Kb / 3P
Jack connectors
150106 LUMBERG-150106 Datasheet
1Mb / 3P
Jack connectors
150111 LUMBERG-150111 Datasheet
1Mb / 3P
Jack connectors
150203 LUMBERG-150203 Datasheet
608Kb / 3P
Jack connectors
150310 LUMBERG-150310 Datasheet
709Kb / 3P
Jack connectors
150312 LUMBERG-150312 Datasheet
986Kb / 3P
Jack connectors
153205 LUMBERG-153205 Datasheet
996Kb / 3P
Jack connectors
153206 LUMBERG-153206 Datasheet
433Kb / 3P
Jack connectors
KLBPS3 LUMBERG-KLBPS3 Datasheet
819Kb / 3P
Jack connectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com