Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPOS-M15 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # UPOS-M15
Description  POS monitor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UPOS-M15 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  UPOS-M15 Datasheet HTML 1Page - Advantech Co., Ltd. UPOS-M15 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POS Terminals
Features
UPOS-M15 Series POSmonitor
UPOS-M15
ƒ 15.1" TFT display in LED backlight
ƒ Flat and borderless front P-CAP touch panel design
ƒ IP65 on front panel
ƒ Reserved side hatch for optional module.
ƒ 75 x 75mm VESA mount
ƒ VGA and HDMI input
ƒ Build in speaker
Introduction
M15 monitor is designed to fit your point of sale system need. Monitor mounted borderless touch panel allow you to finger touch operating the system. Sleek and thin design provide
a modern looking. M15 be able to mount through the standard VESA holes on pole, arm or wall mount. Desktop stand option is also available. Display back reserved hatched to
mount the optional perepherals.
Specifications
Display
Panel Resolution
15" TFT LCD (LED backlight) / 1024 x 768
Brightness
250 cd/ m2
Touch Screen
P-Cap Touch
External I/O
Video in
VGA Port (DSUB-15)
HDMI
Audio in
3.5mm jack
USB
For Touch panel
DC-In
2-pin power jack
Control Button
Power
Power on/off
Menu
OSD menu
Up
selection up
Down
selection down
Others
Speaker
2W x 2
Mount
VESA mount 75 x 75 mm
Hatch
Right/Left/Top hatch reserved mounting for optional modular
Adapter
12V 25 wattage power adapter
Optional Modular
side mount Peripherals
ƒ MSR
ƒ MSR + iButton
ƒ MSR + Fingerprint
ƒ MSR + RFID
ƒ MSR + IC card
Mechanical &
Environmental
Case Color
Black /White / Black + Orange
Water resistance
IP-65 on front panel
Operation Temperature
0 ~ 40° C (32 ~ 104° F)
Humility
10 ~ 95% @ 40° C non-condensing
EMI / Safety
FCC/CE
Software
OS Support
Win 10, Win 8.0, Win 7, POS Ready 7
Preliminary
All product specifications are subject to change without notice, * identify as optional function
Last updated : 19-Jan-2017


Similar Part No. - UPOS-M15

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UPOS-M15G-AST00 ADVANTECH-UPOS-M15G-AST00 Datasheet
1Mb / 4P
15" Ubiquitous Service Computer with Intel® Celeron 3955U or 3965U / Core i3-6100U or i3-7100U / i5-6300U or i5-7300U
18-Apr-2022
UPOS-M15P-AST02 ADVANTECH-UPOS-M15P-AST02 Datasheet
1Mb / 4P
15" Ubiquitous Service Computer with Intel® Celeron 3955U or 3965U / Core i3-6100U or i3-7100U / i5-6300U or i5-7300U
18-Apr-2022
More results

Similar Description - UPOS-M15

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AHDC-16-6 AMPHENOL-AHDC-16-6 Datasheet
100Kb / 1P
CAP, 6 POS
MC1LKN0600 AMPHENOL-MC1LKN0600 Datasheet
63Kb / 1P
Straight Receptacle, 6 Pos
MC1LKN0800 AMPHENOL-MC1LKN0800 Datasheet
65Kb / 1P
Straight Receptacle, 8 Pos
logo
CONEC Elektronische Bau...
165X14719X CONEC-165X14719X Datasheet
56Kb / 1P
HOOD 9-50 POS
logo
Virginia Panel Corporat...
510143004 VPC-510143004 Datasheet
200Kb / 1P
9 POS MCRO, 9 POS TRPDL i2 MX RCV INSERT
510143005 VPC-510143005 Datasheet
185Kb / 1P
8 POS MINI, 8 POS TRPDL i2 MX RCV INSERT
510144004 VPC-510144004 Datasheet
183Kb / 1P
i2 MX ITA INSERT 9 POS MCRO, 9 POS TRPDL
510144005 VPC-510144005 Datasheet
214Kb / 1P
i2 MX ITA INSERT 8 POS MINI, 8 POS TRPDL
510161109 VPC-510161109 Datasheet
107Kb / 1P
ITA MODULE,ICON,HYBRID 40 POS TRIPADDLE, 4 POS TWINAX
logo
Mantra Softech India Pv...
MTERMINAL100 MANTRA-MTERMINAL100 Datasheet
495Kb / 3P
Biometric POS Machine
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com