Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPOS-3150-R0B0E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # UPOS-3150-R0B0E
Description  15" Ubiquitous POS Terminal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UPOS-3150-R0B0E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  UPOS-3150-R0B0E Datasheet HTML 1Page - Advantech Co., Ltd. UPOS-3150-R0B0E Datasheet HTML 2Page - Advantech Co., Ltd. UPOS-3150-R0B0E Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.advantech.com/products
Online Download
UPOS-315
Specifications
Processor
Intel Bay Trail Quad Core J1900, 2GHz up to 2.42GHz
Intel Haswell Core i3-4010U, 1.7GHz
Memory
Up to 8GB (SO-DIMM 1 x 204pin, 1333MHz)
Up to 8GB (SO-DIMM 1 x 204pin, 1600MHz)
Storage
1 x 2.5" SATA HDD/SSD connector
Panel
15" TFT LCD Display (1024 x 768)
Touch Screen
15", Analog Resistive 5-wires (Res. Flat Glass) / Projected Capacitive Touch Panel (Pcap. Flat Glass)
Light Transmission: Res. Touch 80% +/-5% / Pcap Touch 85%+/-3%
Bus Expansion
1 x Mini PCIe ; 1 x mSATA
1 x mSATA (co layout with full-size Mini PCIe), 1 x half-size Mini PCIe
Audio
1 x Line out; 1 x Mic in, Speaker box header x 2
1 x Line out; 1 x Mic in
Power Supply
60W (100 ~ 240 VAC, 50 ~ 60Hz,1.5A) power adapter; 84W (100 ~ 240 VAC, 50 ~ 60Hz,1.3A) power adapter (optional)
Serial Port
3 x RS232 ports : COM1 & COM2 with 5V(default)/12V(option)
2 x RS232 (Internal)
2 x RS232 port (External), COM2 supports 5V, 12V
2 x RS232 port (option)
USB Port
3 x External USB 2.0 ports, 1 x power USB
2 x Internal USB 2.0
4 x USB 3.0 (Rear I/O); 1 x USB 2.0 (Front side)
1 x USB 2.0 (internal)
Ethernet
1 x RJ-45 Gigabit Ethernet
2 x RJ-45 Gigabit Ethernet
Display Output
1 x VGA
1 x DP/HDMI, 1 x DP++ (Convert to VGA)
Cash Drawer
1 x RJ11, cash drawer, 12V default, 24V by order
NA
Parallel Port
1 x LPT (optional)
IP65
IP65 front panel protection
Dimension (W x H x D)
394 x 361 x 356 mm
Weight
7.8KG (Net weight) / 11.2KG (Gross weight)
Operating Temp.
0 ~ 40° C
Relative Humidity
10 ~ 90% @ 40° C
EMC / Safety
CE, CCC, UL, FCC
OS Support
Windows Embedded POSReady 7, Windows 7 Pro Embedded, Windows 8.1 Pro Embedded (64-bit), Linux Kernel 3.13 or above, Andorid 4.4 or
above
Dimensions
Unit: mm
90
200
394
250
356



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com