Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAM-MOUNT-07E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # RAM-MOUNT-07E
Description  RISC All-in-One Mobile Data Terminal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

RAM-MOUNT-07E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  RAM-MOUNT-07E Datasheet HTML 1Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
http://www.advantech-dlog.com
Regional contact:
TREK-722/723
Ordering Information
Part Number
Description
TREK-722R-A1E
TREK-722 barebone (GPRS/HSPA+ dedicated)
TREK-722R-CBCEB1E
TREK-722 A1 w/ 800MHz, 256MB, CE6, CDMA+GPS (int. ant), BT
TREK-722R-GBCEA1E
TREK-722 A1 w/ 800MHz, 256MB, CE6, GPRS+GPS (int. ant), BT
TREK-722R-HBCEA1E
TREK-722 A1 w/ 800MHz, 256MB, CE6, HSPA+GPS (int. ant), BT
TREK-722R-HBCEC1E
TREK-722 A1 w/ 800MHz, 256MB, CE6, HSPA+GPS (ext. ant), BT
TREK-723R-A1E
TREK-723 barebone (GPRS/HSPA+ dedicated)
TREK-723R-CBCEB1E
TREK-723 A1 w/ 800MHz, 256MB, CE6, CDMA+GPS (int. ant), BT
TREK-723R-GBCEA1E
TREK-723 A1 w/ 800MHz, 256MB, CE6, GPRS+GPS (int. ant), BT
TREK-723R-HBCEA1E
TREK-723 A1 w/ 800MHz, 256MB, CE6, HSPA+GPS (int. ant), BT
TREK-723R-HBADC1E
TREK-723 A1 w/ 1GHz, 512MB, AD4, HSPA+GPS (ext. ant), BT
TREK-723R-HWADC1E
TREK-723 A1 w/ 1GHz, 512MB, AD4, HSPA+GPS (ext. ant), WLAN
TREK-723R-HWCEC1E
TREK-723 A1 w/ 800MHz, 256MB, CE6, HSPA+GPS (ext. ant), WLAN
Optional Items
Part Number
Description
1700020042
A Cable MDR 40P/USB-A(M)+Audio Jack*2+DC Jack+BN
9666074302E
19V adapter for TREK-743 test purposes
RAM-MOUNT-02
VESA RAM mount w/2.5" DIA. base,1.5" ball
RAM-MOUNT-07E
75mm VESA base, RAM-202U, and socket ARM
RAM-MOUNT-09E
clamp base, RAM-202U, and socket ARM
Dimensions
Unit: mm
TREK-722
TREK-723
with Rubber Side Door
w/o Side Door
164.80
43
40
w/o Side Door
212.70
45
40
with Rubber Side Door
Specifications Cont.
Environment
IP Rating
IP54 (except I/O plate at the bottom)
Vibration/Shock
MIL-STD-810G, EN60721-3(5M3)
EMC
CE, FCC, CCC
Safety
UL/cUL, CB
Environment
Vehicle Regulation
E-MARK (E13) (12V/24V system), SAE J1455, ISO 7637-2, SAE J1113
RF Regulation
CE (R&TTE), FCC ID, PTCRB
Operating Temperature
-20 to 60° C
-30 to 70° C
Storage Temperature
-30 to 80° C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com