Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTC-300P-R20E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # UTC-300P-R20E
Description  18.5" Ubiquitous Touch Computer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UTC-300P-R20E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  UTC-300P-R20E Datasheet HTML 1Page - Advantech Co., Ltd. UTC-300P-R20E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
UTC-318D/E/F
Fully- Integrated I/O
Ordering Information
Part No.
Description
UTC-318DR-ATW0E
18.5" White, Intel® Celeron J1900, Res T/S, 4 GB RAM, IT Adapter
UTC-318DR-ATB0E
18.5" Black, Intel® Celeron J1900, Res T/S, 4 GB RAM, IT Adapter
UTC-318DP-ATW0E
18.5" White, Intel® Celeron J1900, PCap T/S. 4 GB RAM, IT Adapter
UTC-318DP-ATB0E
18.5" Black, Intel® Celeron J1900, PCap T/S. 4 GB RAM, IT Adapter
UTC-318ER-ATW0E
18.5" White, Intel Core i5-4300U, Res T/S 4GB RAM, IT Adapter
UTC-318ER-ATB0E
18.5" Black, Intel Core i5-4300U, Res T/S 4GB RAM, IT Adapter
UTC-318EP-ATW0E
18.5" White, Intel Core i5-4300U, PCap T/S 4GB RAM, IT Adapter
UTC-318EP-ATB0E
18.5" Black, Intel Core i5-4300U, PCap T/S 4GB RAM, IT Adapter
UTC-318FR-ATW0E
18.5" White, Intel Skylake Core i5-6300U, Res T/S 4GB RAM,
IT Adapter
UTC-318FR-ATB0E
18.5" Black, Intel Skylake Core i5-6300U, Res T/S 4GB RAM,
IT Adapter
UTC-318FP-ATW0E
18.5" White, Intel Skylake Core i5-6300U, PCap T/S 4GB RAM,
IT Adapter
UTC-318FP-ATB0E
18.5" Black, Intel Skylake Core i5-6300U, PCap T/S 4GB RAM,
IT Adapter
UTC-318 WiFi Ordering Information
Part No.
Description
UTC-300P-W10E
WiFi Antenna x 2 pcs
WiFi Module x 1 pc
Screws for module x 2pcs
UTC-300P-W11E
WiFi Antenna x 2 pcs
WiFi Module x 1 pc
Screws for module x 2pcs
Half_Minipcie bracket x 1pc
(For Windows 10)
Installation Accessory
Part No.
Description
UTC-300P-D20E
Desk Stand, Single Color-Silver (UTC-318/UTC-320 series)
UTC-WALL-MOUNT1E
Wall Mount Kit (UTC-315/UTC-318/UTC-320 series)
UTC-WALL-MOUNT2E
Wall Mount Kit (UTC-318/UTC-320 series)
UTC-WALL-MOUNT3E
Wall Mount Kit (UTC-315/UTC-318/UTC-320 series)
UTC-T01-STANDE
Triangle shape floor stand (UTC-315/UTC-318/UTC-320 series)
UTC-H01-STANDE
H-shaped floor stand (UTC-315/UTC-318/UTC-320 series)
Peripherals for UTC-318 series
Part No.
Description
UTC-300P-C20E
5M Camera Module, White, for UTC-318/UTC-320 series
UTC-300P-C21E
5M Camera Module, Black, for UTC-318/UTC-320 series
UTC-300P-M20E
Magnet Strip Reader, White, for UTC-318/UTC-320 series
UTC-300P-M21E
Magnet Strip Reader, Black, for UTC-318/UTC-320 series
UTC-300P-R20E
RFID Reader, White, for UTC-318/UTC-320 series
UTC-300P-R21E
RFID Reader, Black, for UTC-318/UTC-320 series
UTC-300P-S20E
Smart Card Reader, White, for UTC-318/UTC-320 series
UTC-300P-S21E
Smart Card Reader, Black, for UTC-318/UTC-320 series
UTC-300P-BB40E
1D Barcode Reader, Black, for UTC-318/UTC-320 series
UTC-300P-BW40E
1D Barcode Reader, White, for UTC-318/UTC-320 series
UTC-300P-BB41E
2D Barcode Reader, Black, for UTC-318/UTC-320 series
UTC-300P-BW41E
2D Barcode Reader, White, for UTC-318/UTC-320 series
Power Cord Ordering Information
Part NO.
Description
1702002605
Power cord 2P FRANCE 10A/16A 220V 1.83M 90D
1702002600
Power Cord 3P UL/CSA(USA) 125V 10A 1.83M 180D
1700000596-11
Power Cord (China) CCC,10A 250V, 3P 1830mm
1700018704
Power Cord UK BSI 2P 10A 250V 180cm 18AWG
475.0
100.0
100.0
475.0
22.9
7.0
460.7
435.0
A. COM1
B. COM2
C. Line-out
D. Mic in
E. LAN ports x 2
F. HDMI
G. USB 2.0 x 5 / USB 3.0 x 1 (UTC-318D)
USB 2.0 x 2 / USB 3.0 x 4 (UTC-318E/UTC-318F)
H. RJ-11 (UTC-318E/UTC-318F)
I. Power button
J. DC input 12V (UTC-318D)
12-30V (UTC-318E/UTC-318F)
A
B
C D
F
E
G
I
H
J



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com