Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTC-300P-R21E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # UTC-300P-R21E
Description  18.5" Ubiquitous Touch Computer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UTC-300P-R21E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  UTC-300P-R21E Datasheet HTML 1Page - Advantech Co., Ltd. UTC-300P-R21E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Interactive Self-service Terminals
Features
UTC-318
ƒ High performance with low power consumption
ƒ Fanless design for quiet operation
ƒ Built in Intel BayTrail J1900 (UTC-318D), Haswell i5-4300U (UTC-318E) and
Skylake i5-6300U (UTC-318F)
ƒ Providing Natural Viewing Experience with 16:9 18.5" Display
ƒ Front panel complies with IP65 protection standard
ƒ Landscape and portrait screen modes support different applications
ƒ VESA 100 mm standard mounting holes for varied mounting demands
ƒ Detachable frame design for panel mount applications
Introduction
UTC-318 is the multi-purpose all-in-one computing system which equipped with wide format, touch based LCD panel. It is easy to integrate key peripherals and display systems for
diversified self-service and interactive signage deploy in different application areas. With the removable frame , the system also could fulfill industries or control system applications
with panel mounting design. UTC series touch panel computers are the best investments to enhance user satisfaction, further brand equity, and maximize business profits.
Specifications
Processor System
CPU
Intel® BayTrail J1900
Intel® Haswell Core i5-4300U
Intel® Skylake Core i5-6300U
Basic Frequency
2.0 GHz (Quad-Core)
1.9GHz (Duo Core)
2.4GHz (Duo Core)
L2 Cache
2MB
3MB
Memory
1 x SO-DIMM DDR3L 1333 MHz up to 8 GB
1 x SO-DIMM DDR4 2133 MHz up
to 16 GB
HDD
1 x 2.5 internal SATA HDD bay
Network
2 x Gigabit Ethernet ports (RJ-45)
I/O ports
1 x RS-232
1 x RS-232 / 422 / 485
5 x USB 2.0 / 1 x USB 3.0
2 x Gigabit Ethernet (RJ-45)
1 x HDMI
Audio Line-out x 1, Mic-in x 1
1 x RS-232 (optional CSAFE)
1 x RS-232/422/485
2 x USB 2.0 / 4 x USB 3.0
2 x Gigabit Ethernet (RJ-45)
1 x HDMI
1 x RJ-11
Audio Line-out x 1, Mic-in x 1
1 x RS-232
1 x RS-232/422/485
2 x USB 2.0 / 4 x USB 3.0
2 x Gigabit Ethernet (RJ-45)
1 x HDMI
1 x RJ-11
Audio Line-out x 1, Mic-in x 1
Stereo Speaker
1W x 2
BUS expansion
Full-size MiniPCIe/mSATA
Mounting
VESA 100 x 100
Dimension(WxHxD)
475 x 295 x 43.5 mm
Weight
5 kg
OS support
Windows Embedded 8.1 Industry Pro 64bit
Windows Embedded Standard 8 64bit
Windows Pro Embedded 7 SP1 64bit
Windows Embedded Standard 7P 32bit
Windows Embedded Standard 7E 32bit
Win 10 IoT Enterprise
Android 4.4
Linux Lubuntu 16.04
Windows Embedded 8.1 Industry Pro 64bit
Windows Embedded Standard 8 64bit
Windows Pro Embedded 7 SP1 64bit
Windows Embedded Standard 7P 32bit
Windows Embedded Standard 7E 32bit
Windows 10 IoT
Linux Lubuntu 16.04
Environmental Specifications
Operating Temperature
0 ~ 40° C (32 ~ 104° F)
Relative Humidity
10 ~ 95% @ 40° C non-condensing
Vibration
0.5G
Shock
10 G peak acceleration (11 msec. duration)
EMC/ Safety
CE, FCC, UL, CCC CB,BSMI
Front Panel Protection
IP65/ NEMA4 Compliant
Power Supply
Input Rating
12 V/7 A (84W ITE Adapter)
12-30V/7A (84W ITE Adapter)
Power consumption
Typical 32W
Max. 70W
LCD Display
Size
18.5" TFT LCD
Max Resolution
1366 x 768 (FHD 1920 x 1080 Optional)
Max Color
16.7M
Pixel Pitch (um)
300(H) x 300(V)
Brightness (cd/m2)
250 (Typical)
View Angle
170°/160°
Touch Screen
Type
Analog Resistive 5-wires (Res. Flat Glass) / Projected Capacitive Touch Panel (Pcap. Flat Glass) / Glass Panel
Light Transmission
Res. Touch : 80% ± 5% / P-Cap Touch : 90% ± 2%
Controller
COM interface / USB interface
*UTC-318E preliminary datasheet, specification may vary in final version.
RoHS
COMPLIANT
2002/95/EC
®
UL
18.5" Ubiquitous Touch Computer
UTC-318D with Intel® BayTrail J1900
UTC-318E with Intel® Haswell i5-4300U
UTC-318F with Intel® Skylake i5-6300U
All product specifications are subject to change without notice, * identify as optional function
Last updated: 20-Sep-2017


Similar Part No. - UTC-300P-R21E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UTC-300P-R21E ADVANTECH-UTC-300P-R21E Datasheet
211Kb / 1P
RFID Reader for UTC-300 Series
UTC-300P-R21E ADVANTECH-UTC-300P-R21E Datasheet
211Kb / 1P
Smart Card Reader for UTC-300 Series
UTC-300P-R21E ADVANTECH-UTC-300P-R21E Datasheet
211Kb / 1P
RFID Reader for UTC-300 Series
2-Apr-2015
UTC-300P-R21E ADVANTECH-UTC-300P-R21E Datasheet
277Kb / 1P
RFID Reader for UTC-315/318/320 Series
31-Mar-2021
UTC-300P-R21E ADVANTECH-UTC-300P-R21E Datasheet
914Kb / 4P
15.6" Ubiquitous Touch Computer
6-Jul-2023
More results

Similar Description - UTC-300P-R21E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UTC-W101B ADVANTECH-UTC-W101B Datasheet
536Kb / 2P
10.1' Ubiquitous Touch Computer
UTC-532 ADVANTECH-UTC-532_16 Datasheet
555Kb / 2P
32' Ubiquitous Touch Computer
UTC-510 ADVANTECH-UTC-510 Datasheet
404Kb / 2P
10.1' Ubiquitous Touch Computer
UTC-312 ADVANTECH-UTC-312_V01 Datasheet
1Mb / 2P
11.6 Ubiquitous Touch Computer
18-Jul-2016
UTC-320 ADVANTECH-UTC-320 Datasheet
473Kb / 2P
21.5 Ubiquitous Touch Computer
15-Feb-2019
UTC-315 ADVANTECH-UTC-315_V01 Datasheet
914Kb / 4P
15.6" Ubiquitous Touch Computer
6-Jul-2023
UTC-318 ADVANTECH-UTC-318_V01 Datasheet
1Mb / 4P
18.5" Ubiquitous Touch Computer
6-Jul-2023
UTC-520 ADVANTECH-UTC-520_V02 Datasheet
737Kb / 4P
21.5" Ubiquitous Touch Computer
29-Dec-2022
UTC-520 ADVANTECH-UTC-520_V04 Datasheet
913Kb / 4P
21.5" Ubiquitous Touch Computer
7-Jan-2023
UTK-615 ADVANTECH-UTK-615 Datasheet
753Kb / 3P
15.6" Ubiquitous Touch Computer
15-Oct-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com