Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP41101 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIP41101
Description  Half-Bridge N-Channel MOSFET Driver With Break-Before-Make
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP41101 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIP41101 Datasheet HTML 1Page - Vishay Siliconix SIP41101 Datasheet HTML 2Page - Vishay Siliconix SIP41101 Datasheet HTML 3Page - Vishay Siliconix SIP41101 Datasheet HTML 4Page - Vishay Siliconix SIP41101 Datasheet HTML 5Page - Vishay Siliconix SIP41101 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SiP41101
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 72377
S-31578—Rev. A, 11-Aug-03
ABSOLUTE MAXIMUM RATINGS (ALL VOLTAGES REFERENCED TO GND = 0 V)
VDD
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VIN
-0.3 V to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VSH
30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VBOOT
VSH + 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
-40 to 150_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature
125_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipationa
TSSOP-16
925 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Impedance (QJA)a
TSSOP-16
135_C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes
a.
Device mounted with all leads soldered or welded to PC board.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING RANGE (ALL VOLTAGES REFERENCED TO GND = 0 V)
VDD
4.5 V to 5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VBOOT
4.5 V to 30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
CBOOT
100 nF to 1 mF
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range
-40 to 85_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
SPECIFICATIONSa
Test Conditions Unless Specified
Limits
Parameter
Symbol
p
VDD = 4.5 to 5.5 V, VBOOT = 4.5 to 30 V, TA = -40 to 85_C
Mina
Typb
Maxa
Unit
Power Supplies
Supply Voltage
VDD
4.5
5.5
V
Supply Current
IDD
fIN = 300 kHz, SD = H, Sync_en = H
see Figure 1
25
40
mA
Quiescent Current
IDDQ
IN = L, SD = H, Sync_en = H, No Load
1.4
2.5
mA
Reference Voltage
Break-Before-Make
VBBM
VDD = 5.5 V
2.5
V
Logic Inputs — IN, Sync En, SD
Input High
VIH
2.5
V
Input Low
VIL
1.0
V
Undervoltage Lockout
VDD Undervoltage
VUVL
VDD Rising
2.5
3.6
4.4
V
Undervoltage Hysteresis
VHYST
400
mV
Bootstrap Diode
Forward Voltage
VF
IF = 10 mA
0.65
V
MOSFET Drivers
High Side Drive Currentc
IPKH(source)
VBOOT VSH = 4 5 V VOUTH VSA=2 25V
3.0
High-Side Drive Currentc
IPKH(sink)
VBOOT - VSH = 4.5 V, VOUTH-VSA=2.25V
3.0
A
Low Side Drive Currentc
IPKL(source)
VDD = 4 5 V VOUTL=2 25V
4.1
A
Low-Side Drive Currentc
IPKL(sink)
VDD = 4.5 V, VOUTL=2.25V
4.1
High Side Driver Impedance
RDH(source)
VDD = 4 5 V SH = GND
0.75
1.3
High-Side Driver Impedance
RDH(sink)
VDD = 4.5 V, SH = GND
0.75
1.3
W
Low Side Driver Impedance
RDL(source)
VDD = 4 5 V
0.55
1.1
W
Low-Side Driver Impedance
RDL(sink)
VDD = 4.5 V
0.55
1.1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com