Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70TPS Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 70TPS
Description  Phase Control SCR, 70 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

70TPS Datasheet(HTML) 4 Page - Vishay Siliconix

  70TPS Datasheet HTML 1Page - Vishay Siliconix 70TPS Datasheet HTML 2Page - Vishay Siliconix 70TPS Datasheet HTML 3Page - Vishay Siliconix 70TPS Datasheet HTML 4Page - Vishay Siliconix 70TPS Datasheet HTML 5Page - Vishay Siliconix 70TPS Datasheet HTML 6Page - Vishay Siliconix 70TPS Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 93712
4
Revision: 02-Jun-08
70TPS.. High Voltage Series
Vishay High Power Products Phase Control SCR, 70 A
Fig. 1 - Current Rating Characteristics
Fig. 2 - Current Rating Characteristics
Fig. 3 - On-State Power Loss Characteristics
Fig. 4 - On-State Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Average On-state Current (A)
70
80
90
100
110
120
130
0
10
203040
5060
7080
30˚
60˚
90˚
120˚
180˚
Conduction Angle
70TPS.. Series
RthJC (DC) = 0.27 ˚C/W
Average On-state Current (A)
60
70
80
90
100
110
120
130
0
1020 3040 5060 7080 90
DC
30˚
60˚
90˚
120˚
180˚
Conduction Period
70TPS.. Series
RthJC (DC) = 0.27 ˚C/W
Average On-state Current (A)
0
20
40
60
80
100
120
140
0
10203040506070
RMS Limit
Conduction Angle
180˚
120˚
90˚
60˚
30˚
70TPS.. Series
Tj = 125˚C
Average On-state Current (A)
0
30
60
90
120
150
015
30
45
60
75
RMS Limit
Conduction Period
70TPS.. Series
Tj = 125˚C
180˚
120˚
90˚
60˚
30˚
DC
Number Of Equal Amplitude Half Cycle Current Pulses (N)
500
600
700
800
900
1000
1100
1200
1300
110
100
70TPS.. Series
At Any Rated Load Condition And With
Rated Vrrm Applied Following Surge.
Initial Tj = 125˚C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
Pulse Train Duration (s)
500
600
700
800
900
1000
1100
1200
1300
1400
1500
0.01
0.1
1
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration. Control
Of Conduction May Not Be Maintained.
Initial Tj = 125˚C
No Voltage Reapplied
Rated Vrrm Reapplied
70TPS.. Series



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com