Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USP12840 Datasheet(PDF) 1 Page - Littelfuse

Part # USP12840
Description  Littelfuse offers Stainless probe assemblies suitable for a wide range of temperature sensing applications
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

USP12840 Datasheet(HTML) 1 Page - Littelfuse

  USP12840 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
littelfuse.com
© 2018 Littelfuse, Inc. Revised: March 2, 2018
Specifications are subject to change without notice.
Disclaimer Notice - Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each
product selected for their own applications. Littelfuse products are not designed for, and may not be used in, all applications. Read complete Disclaimer Notice at:
www.littelfuse.com/disclaimer-electronics
Description
Littelfuse offers Stainless probe assemblies suitable for a wide
range of temperature sensing applications. If the dimensions and
electrical characteristics on this product won’t work for your
requirements, please contact us for further assistance.
Dimensions
Dimensions in inches.
Threaded
Thermistor Probes and Assemblies
A
B
C
D
E
3.00”
± 0.500”
0.250”
± 0.030”
0.120”
± 0.025”
Strip:
0.250”
± 0.070”
0.3125”
± 0.017”
(Over Hex
Flats)
USP12840 Thermistor Probe
Features
• Tight Tolerance
• 10-32 Threaded
Hex Head
• Kynar Insulated
Lead Wire
• 125°C Max Operating
Temperature
0.3125"
HEX
0.250"
0.120"
3.00”
STRIP: 0.250"
THERMISTOR ELEMENT POTTED IN
10/32 (RTH)THREADED STAINLESS
STEEL HEX HEAD SCREW
30 AWG, SINGLE CONDUCTOR,
SOLID CONDUCTOR, KYNAR INSULATED
0.3125"
± 0.017"
(OVER HEX
FLATS)
0.250"
± 0.030"
0.120"
± 0.025"
3.00”
± 0.500"
STRIP:
0.250"
± 0.070"
THERMISTOR ELEMENT POTTED IN
10-32 (RHT) THREADED STAINLESS
STEEL HEX HEAD SCREW
30 AWG (0.010" DIA), SINGLE CONDUCTOR,
SOLID CONDUCTOR, KYNAR INSULATED
A
E
C
B
D
A
B
C
D
E
Specifications
Part
Number
Resistance Ohms
@25°C
Resistance
Tol. ± % @ 25°C
R-T
Curve
Temperature
Coefficient
(% / °C) @ 25°C
Beta (K)
0-50°C
Temperature
Rating (°C)
USP12840
10000
1
J
-4.4
3892
-55 to +125
Part Numbering System
Note: Not all combinations of Part Number codes are available. Contact Littelfuse for details.
USP 12840
Thermistor
Probe
No Significance


Similar Part No. - USP12840

ManufacturerPart #DatasheetDescription
logo
Littelfuse
USP12836 LITTELFUSE-USP12836 Datasheet
592Kb / 1P
Littelfuse offers Stainless probe assemblies suitable for a wide range of temperature sensing applications
USP12837 LITTELFUSE-USP12837 Datasheet
557Kb / 1P
Littelfuse offers Polyimide probe assemblies suitable for a wide range of temperature sensing applications
USP12838 LITTELFUSE-USP12838 Datasheet
547Kb / 1P
Littelfuse offers Vinyl probe assemblies suitable for a wide range of temperature sensing applications
More results

Similar Description - USP12840

ManufacturerPart #DatasheetDescription
logo
Littelfuse
USP10972 LITTELFUSE-USP10972 Datasheet
575Kb / 1P
Littelfuse offers Stainless probe assemblies suitable for a wide range of temperature sensing applications
USP9728 LITTELFUSE-USP9728 Datasheet
580Kb / 1P
Littelfuse offers Stainless probe assemblies suitable for a wide range of temperature sensing
USP10979 LITTELFUSE-USP10979 Datasheet
562Kb / 1P
Littelfuse offers Stainless probe assemblies suitable for a wide range of temperature sensing applications
USP11493 LITTELFUSE-USP11493 Datasheet
556Kb / 1P
Littelfuse offers Plastic probe assemblies suitable for a wide range of temperature sensing applications
USP12755 LITTELFUSE-USP12755 Datasheet
578Kb / 1P
Littelfuse offers Stainless probe assemblies suitable for a wide range of temperature sensing applications
USP12836 LITTELFUSE-USP12836 Datasheet
592Kb / 1P
Littelfuse offers Stainless probe assemblies suitable for a wide range of temperature sensing applications
USP12837 LITTELFUSE-USP12837 Datasheet
557Kb / 1P
Littelfuse offers Polyimide probe assemblies suitable for a wide range of temperature sensing applications
USP12920 LITTELFUSE-USP12920 Datasheet
575Kb / 1P
Littelfuse offers Stainless probe assemblies suitable for a wide range of temperature sensing applications
USP14439 LITTELFUSE-USP14439 Datasheet
551Kb / 1P
Littelfuse offers Polyimide probe assemblies suitable for a wide range of temperature sensing applications
USW3483 LITTELFUSE-USW3483 Datasheet
169Kb / 1P
Littelfuse offers Stainless Steel probe assemblies suitable for a wide range of temperature sensing applications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com