Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4284 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4284
Description  Voltage Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4284 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4284 Datasheet HTML 1Page - Infineon Technologies AG TLE4284 Datasheet HTML 2Page - Infineon Technologies AG TLE4284 Datasheet HTML 3Page - Infineon Technologies AG TLE4284 Datasheet HTML 4Page - Infineon Technologies AG TLE4284 Datasheet HTML 5Page - Infineon Technologies AG TLE4284 Datasheet HTML 6Page - Infineon Technologies AG TLE4284 Datasheet HTML 7Page - Infineon Technologies AG TLE4284 Datasheet HTML 8Page - Infineon Technologies AG TLE4284 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Target Data Sheet Rev. 0.2
5
2000-10-06
TLE 4284
Note: Stresses above those listed here may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Absolute Maximum Ratings
Parameter
Symbol
Limit Values
Unit Test Condition
min.
max.
Voltage Regulator
Input - Output Voltage Difference (variable device only)
Voltage
V
I – VQ
– 0.3
40
V
–
Input Voltage (fixed voltage version only)
Voltage
V
I
– 0.3
40
V
–
Output (fixed voltage version only)
Voltage
V
Q
– 0.3
40
V
–
Current
I
Q
––
–
Internally limited
Adjust (variable version only)
Voltage
V
ADJ
– 0.3
40
V
–
Current
I
ADJ
––
–
Internally limited
Ground (fixed voltage version only)
Current
I
GND
–
2mA
–
Temperature
Storage temperature
T
stg
– 50
150
°C
–
Junction temperature
T
j
– 40
150
°C
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com