Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSX1PD Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MSX1PD
Description  Surface-Mount ESD Capability Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MSX1PD Datasheet(HTML) 2 Page - Vishay Siliconix

  MSX1PD Datasheet HTML 1Page - Vishay Siliconix MSX1PD Datasheet HTML 2Page - Vishay Siliconix MSX1PD Datasheet HTML 3Page - Vishay Siliconix MSX1PD Datasheet HTML 4Page - Vishay Siliconix MSX1PD Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MSX1PB, MSX1PD, MSX1PG, MSX1PJ
www.vishay.com
Vishay General Semiconductor
Revision: 24-Jan-18
2
Document Number: 87726
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Thermal resistance from junction to ambient and junction to lead mounted on PCB with 5.0 mm x 5.0 mm copper pad areas. RJL is measured 
at the terminal of cathode band
Notes
(1) Immunity to IEC 61000-4-2 air discharge mode has a typical performance > 30 kV
(2) System ESD standard
Note
(1)AEC-Q101 qualified
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
MSX1PB
MSX1PD
MSX1PG
MSX1PJ
UNIT
Typical thermal resistance
RJA (1)
110
°C/W
RJL (1)
30
IMMUNITY TO ELECTRICAL STATIC DISCHARGE TO THE FOLLOWING STANDARDS
(TA = 25 °C, unless otherwise noted)
STANDARD
TEST TYPE
TEST CONDITIONS
SYMBOL
CLASS
VALUE
AEC-Q101-001
Human body model (contact mode)
C = 100 pF, R = 1.5 k
VC
H3B
> 8 kV
AEC-Q101-002
Machine model (contact mode)
C = 200 pF, R = 0
M4
> 400 V
JESD 22-A114
Human body model (contact mode)
C = 100 pF, R = 1.5 k
3B
> 8 kV
JESD 22-A115
Machine model (contact mode)
C = 200 pF, R = 0
C
> 400 V
IEC 61000-4-2 (2)
Human body model (contact mode)
C = 150 pF, R = 330
4> 8 kV
Human body model (air-discharge mode) (1)
C = 150 pF, R = 330
4
> 15 kV
ISO 10605
Contact mode
C = 330 pF, R = 2 k
-
20 kV typ.
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
MSX1PJ-M3/89A
0.006
89A
4500
7" diameter plastic tape and reel
MSX1PJHM3/89A (1)
0.006
89A
4500
7" diameter plastic tape and reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com