Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSMP10A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MSMP10A
Description  Surface Mount TRANSZORB® Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MSMP10A Datasheet(HTML) 2 Page - Vishay Siliconix

  MSMP10A Datasheet HTML 1Page - Vishay Siliconix MSMP10A Datasheet HTML 2Page - Vishay Siliconix MSMP10A Datasheet HTML 3Page - Vishay Siliconix MSMP10A Datasheet HTML 4Page - Vishay Siliconix MSMP10A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MSMP6.0A thru MSMP20A
www.vishay.com
Vishay General Semiconductor
Revision: 10-Dec-13
2
Document Number: 89457
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: tp  50 ms
(2) Surge current waveform per Fig. 1 and derate per Fig. 3
(3) To calculate maximum clamping voltage at surge current uses the following formula: VCL max. = RD x IPP + VBR max.
Notes
(1) Free air, mounted on recommended PCB 1 oz. pad area; thermal resistance RJA - junction to ambient
(2) Units mounted on PCB with 6.0 mm x 6.0 mm copper pad areas; RJM - junction to mount
Notes
(1) Immunity to IEC 61000-4-2 air discharge mode has a typical performance > 30 kV
(2) System ESD standard
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE
TYPE
DEVICE
MARKING
CODE
BREAKDOWN
VOLTAGE
VBR AT IT (1)
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
CURRENT
IR AT VWM
(μA)
MAXIMUM
VC AT IPPM
RD
MAXIMUM
VC AT IPPM
RD
10/1000 μs
8/20 μs
MIN.
MAX.
VC (V) IPPM (A) RD ()VC (V) IPPM (A) RD ()
MSMP6.0A
AG
6.67
7.37
10
6.0
200
10.3
14.6
0.201
13.7
73.0
0.087
MSMP6.5A
AK
7.22
7.98
10
6.5
100
11.2
13.4
0.240
14.5
69.0
0.095
MSMP7.0A
AM
7.78
8.60
10
7.0
50
12.0
12.5
0.272
15.7
63.7
0.111
MSMP7.5A
AP
8.33
9.21
1.0
7.5
50
12.9
11.6
0.317
17.0
58.8
0.132
MSMP8.0A
AR
8.89
9.83
1.0
8.0
20
13.6
11.0
0.342
18.2
54.9
0.152
MSMP8.5A
AT
9.44
10.4
1.0
8.5
2.0
14.4
10.4
0.384
19.5
51.3
0.177
MSMP9.0A
AV
10.0
11.1
1.0
9.0
2.0
15.4
9.7
0.441
20.6
48.6
0.195
MSMP10A
AX
11.1
12.3
1.0
10
1.0
17.0
8.8
0.533
21.7
46.1
0.204
MSMP11A
AZ
12.2
13.5
1.0
11
1.0
18.2
8.2
0.570
24.4
41.0
0.266
MSMP12A
BE
13.3
14.7
1.0
12
1.0
19.9
7.5
0.690
25.3
39.5
0.268
MSMP13A
BG
14.4
15.9
1.0
13
1.0
21.5
7.0
0.803
27.2
36.8
0.307
MSMP14A
BK
15.6
17.2
1.0
14
1.0
23.2
6.5
0.928
29.5
33.9
0.364
MSMP15A
BM
16.7
18.5
1.0
15
1.0
24.4
6.2
0.960
32.5
30.8
0.455
MSMP16A
BP
17.8
19.7
1.0
16
1.0
26.0
5.8
1.092
34.7
28.8
0.520
MSMP17A
BR
18.9
20.9
1.0
17
1.0
27.6
5.4
1.233
36.8
27.2
0.586
MSMP18A
BT
20.0
22.1
1.0
18
1.0
29.2
5.1
1.382
39.3
25.4
0.676
MSMP20A
BV
22.2
24.5
1.0
20
1.0
32.4
4.6
1.706
42.8
23.4
0.783
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Typical thermal resistance
RJA (1)
250
°C/W
RJM (2)
30
IMMUNITY TO STATIC ELECTRICAL DISCHARGE TO THE FOLLOWING STANDARDS
(TA = 25 °C unless otherwise noted)
STANDARD
TEST TYPE
TEST CONDITIONS
SYMBOL
CLASS
VALUE
AEC-Q101-001
Human body model (contact mode)
C = 100 pF, R = 1.5 k
VC
H3B
> 8 kV
IEC 61000-4-2 (2)
Human body model (air discharge mode) (1)
C = 150 pF, R = 330
4
> 15 kV
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
MSMP6.0A-M3/89A
0.006
89A
4500
7" diameter plastic tape and reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com