Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5698 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5698
Description  CRT Display Horizontal Deflection Output Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5698 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5698 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5698 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5698 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5698 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5698
No.6664-3/4
0.1
1.0
2
5
10
2
3
3
3
5
7
7
2
5
100
10
25
1000
57
7
2
3
3
23
0.1
2
3
5
7
1.0
2
3
5
7
10
0.1
2
3
5
7
1.0
2
3
5
7
1.0
0.1
10
23
5
7
23
5
7
2
3
3
3
3
7
7
7
0.1
0.01
2
5
1.0
5
2
5
10
2
5
10
1.0
25
100
23
3
3
57
7
7
25
1000
0
20
40
60
80
100
120
140
160
VCC=200V
IC / IB1=5
IB2 / IB1=2
R load
1.0
0.1
23
23
5
7
57
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
20
40
60
80
100
120
140
160
10
20
30
40
50
60
70
65
tstg
tf
IT02571
IT02572
IT02573
IT02574
IT02500
IT02575
tstg
VCC=200V
IC=3A
IB1=0.6A
R load
ICP=16A
IC=8A
Tc=25
°C
Single pulse
P
C =65W
L=500
µH
IB2= --1A
Tc=25
°C
Single pulse
Reverse Bias A S O
Collector-to-Emitter Voltage, VCE -- V
Forward Bias A S O
Collector-to-Emitter Voltage, VCE -- V
SW Time -- IC
Collector Current, IC -- A
SW Time -- IB2
Base Current, IB2 -- A
PC -- Ta
Ambient Temperature, Ta --
°C
PC -- Tc
Case Temperature, Tc --
°C
No
heat
sink



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com