Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT9Q512K32 Datasheet(PDF) 13 Page - Aeroflex Circuit Technology

Part # UT9Q512K32
Description  UT9Q512K32 16Megabit SRAM MCM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT9Q512K32 Datasheet(HTML) 13 Page - Aeroflex Circuit Technology

Back Button UT9Q512K32 Datasheet HTML 6Page - Aeroflex Circuit Technology UT9Q512K32 Datasheet HTML 7Page - Aeroflex Circuit Technology UT9Q512K32 Datasheet HTML 8Page - Aeroflex Circuit Technology UT9Q512K32 Datasheet HTML 9Page - Aeroflex Circuit Technology UT9Q512K32 Datasheet HTML 10Page - Aeroflex Circuit Technology UT9Q512K32 Datasheet HTML 11Page - Aeroflex Circuit Technology UT9Q512K32 Datasheet HTML 12Page - Aeroflex Circuit Technology UT9Q512K32 Datasheet HTML 13Page - Aeroflex Circuit Technology UT9Q512K32 Datasheet HTML 14Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
ORDERING INFORMATION
512K32 16Megabit SRAM MCM:
Device Type:
- =25ns access time, 5.0V operation
Package Type:
(S) = 68-lead dual cavity CQFP
Screening:
(P) = Prototype flow
(W) = Extended Industrial Temperature Range Flow (-40o C to +125o C)
Lead Finish:
(C) = Gold
Notes:
1. Prototype flow per UTMC Manufacturing Flows Document. Devices are tested at 25 oC. Gold lead finish only.
2. Extended Industrial Temperature Range flow per UTMC Manufacturing Flows Document. Devices are tested at -40
°C to +125°C. Radiation neither
tested nor guaranteed. Gold Lead Finish Only.
UT9Q512K32 -* *
*
*
Aeroflex UTMC Core Part Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com