Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPA200H-RUW Datasheet(PDF) 10 Page - Recom International Power

Part # RPA200H-RUW
Description  200 Watt Half Brick Single Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPA200H-RUW Datasheet(HTML) 10 Page - Recom International Power

Back Button RPA200H-RUW Datasheet HTML 3Page - Recom International Power RPA200H-RUW Datasheet HTML 4Page - Recom International Power RPA200H-RUW Datasheet HTML 5Page - Recom International Power RPA200H-RUW Datasheet HTML 6Page - Recom International Power RPA200H-RUW Datasheet HTML 7Page - Recom International Power RPA200H-RUW Datasheet HTML 8Page - Recom International Power RPA200H-RUW Datasheet HTML 9Page - Recom International Power RPA200H-RUW Datasheet HTML 10Page - Recom International Power RPA200H-RUW Datasheet HTML 11Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
www.recom-power.com
REV.: 1/2018
PB-10
DC/DC Converter
Specifications (measured @ Ta = 25°C, nom. Vin (110V), full load and after warm-up unless otherwise stated)
RPA200H-RUW
Series
DIMENSIONS and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
baseplate
case
potting
aluminum
plastic (UL94V-2)
low smoke silicone (UL94V-0)
Package Dimensions (LxWxH)
60.6 x 63.1 x 13.0mm
Package Weight
125.0g typ.
continued on next page
EMC Filtering according to EN55032 Class B
C1
C4
C11
C12
C13 C14
4
5
6
7
8
9
10
3
2
1
C2
C3
+VIN
-VIN
L1
EN55022
C5 C7
C8 C10
C9
C6
L2
C15
C16
C19
C20
C17
C18
C21
C22
Fuse
C2
C1
C6
C7
C8
C10
C9
4
5
6
7
8
9
10
3
2
1
C3
MOV
C4
C5
+VIN
-VIN
L1
EN50155
C1, C4, C11 L1, L2
C2, C3, C5, C6,
C7, C8, C9, C10
C12
C13
C14
C15, C16, C17, C18,
C19, C20, C21, C22,
0.47µF, 250V
MLCC
1mH
CMC
1.5pF, 3kV
100µF
200V
120µF
200V
6.8pF, 2kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com