Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCIDW08 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # DCIDW08
Description  8 Watts DC/DC Converter Single and Dual Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCIDW08 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  DCIDW08 Datasheet HTML 1Page - Wall Industries,Inc. DCIDW08 Datasheet HTML 2Page - Wall Industries,Inc. DCIDW08 Datasheet HTML 3Page - Wall Industries,Inc. DCIDW08 Datasheet HTML 4Page - Wall Industries,Inc. DCIDW08 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev A
DCIDW08 SERIES
8 Watts
DC/DC Converter
Single and Dual Outputs
3/3/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 5
NOTES
1.
# for Each Output
2.
Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%.
3.
“Natural Convection’ is about 20LFM but is not equal to still air (0 LFM).
4.
To meet EN61000-4-4 & EN61000-4-5 an external capacitor across the input pins is required. Suggested capacitor: 220µF/100V.
5.
Other input and output voltages may be available, please contact factory.
6.
It is recommended to protect the converter by a slow blow fuse in the input supply line.
*Due to advances in technology, specifications subject to change without notice.
DERATING CURVES
MECHANICAL DRAWINGS
Pin Connections
Pin
Single Output
Dual Output
1
-Vin
-Vin
7
NC
NC
8
NC
Common
9
+Vout
+Vout
10
-Vout
-Vout
16
+Vin
+Vin
NC: No Connection
All dimensions in mm (inches)
Tolerance: X.X±0.5 (X.XX±0.02)
X.XX±0.25 (X.XXX±0.01)
Pin Diameter Ø0.5±0.05 (0.02±0.002)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com