Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80386EX Datasheet(PDF) 21 Page - Intel Corporation

Part # 80386EX
Description  Intel386 EX Embedded Microprocessor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80386EX Datasheet(HTML) 21 Page - Intel Corporation

Back Button 80386EX Datasheet HTML 17Page - Intel Corporation 80386EX Datasheet HTML 18Page - Intel Corporation 80386EX Datasheet HTML 19Page - Intel Corporation 80386EX Datasheet HTML 20Page - Intel Corporation 80386EX Datasheet HTML 21Page - Intel Corporation 80386EX Datasheet HTML 22Page - Intel Corporation 80386EX Datasheet HTML 23Page - Intel Corporation 80386EX Datasheet HTML 24Page - Intel Corporation 80386EX Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
Intel386™ EX Embedded Microprocessor
Datasheet
21
Each asynchronous serial channel includes full modem control support (CTS#, RTS#, DSR#,
DTR#, RI#, and DCD#) and is completely programmable. The programmable options include
character length (5, 6, 7, or 8 bits), stop bits (1, 1.5, or 2), and parity (even, odd, forced, or none). In
addition, it contains a programmable baud-rate generator capable of clock rates from 0 to 512
Kbaud.
4.7
Synchronous Serial I/O Unit
The Synchronous Serial I/O (SSIO) unit provides for simultaneous, bidirectional communications.
It consists of a transmit channel, a receive channel, and a dedicated baud-rate generator. The
transmit and receive channels can be operated independently (with different clocks) to provide
non-lockstep, full-duplex communications; either channel can originate the clocking signal (Master
Mode) or receive an externally generated clocking signal (Slave Mode).
The SSIO provides numerous features for ease and flexibility of operation. With a maximum clock
input of CLK2/4 to the baud-rate generator, the SSIO can deliver a baud rate of up to 8.25 Mbits
per second with a processor clock of 33 MHz. Each channel is double buffered. The two channels
share the baud-rate generator and a multiply-by-two transmit and receive clock. The SSIO supports
16-bit serial communications with independently enabled transmit and receive functions and gated
interrupt outputs to the interrupt controller.
4.8
Parallel I/O Unit
The Intel386 EX microprocessor has three 8-bit, general-purpose I/O ports. All port pins are
bidirectional, with TTL-level inputs and CMOS-level outputs. All pins have both a standard
operating mode and a peripheral mode (a multiplexed function), and all have similar sets of control
registers located in I/O address space.
4.9
DMA and Bus Arbiter Unit
The Intel386 EX microprocessor’s DMA controller is a two-channel DMA; each channel operates
independently of the other. Within the operation of the individual channels, several different data
transfer modes are available. These modes can be combined in various configurations to provide a
very versatile DMA controller. Its feature set has enhancements beyond the 8237 DMA family;
however, it can be configured such that it can be used in an 8237-like mode. Each channel can
transfer data between any combination of memory and I/O with any combination (8 or 16 bits) of
data path widths. An internal temporary register that can disassemble or assemble data to or from
either an aligned or a nonaligned destination or source optimizes bus bandwidth.
The bus arbiter, a part of the DMA controller, works much like the priority resolving circuitry of a
DMA. It receives service requests from the two DMA channels, the external bus master, and the
DRAM Refresh Control Unit. The bus arbiter requests bus ownership from the core and resolves
priority issues among all active requests when bus mastership is granted.
Each DMA channel consists of three major components: the Requestor, the Target, and the Byte
Count. These components are identified by the contents of programmable registers that define the
memory or I/O device being serviced by the DMA. The Requestor is the device that requires and
requests service from the DMA controller. Only the Requestor is considered capable of initializing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com