Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS213-92 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # AS213-92
Description  PHEMT GaAs IC SPDT Switch 0.1?? GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AS213-92 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  AS213-92 Datasheet HTML 1Page - Skyworks Solutions Inc. AS213-92 Datasheet HTML 2Page - Skyworks Solutions Inc. AS213-92 Datasheet HTML 3Page - Skyworks Solutions Inc. AS213-92 Datasheet HTML 4Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
December 19, 2008 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200193 Rev. D
Data Sheet • aS213-92, aS213-92LF
2
Simulated Performance Data (0, 3 V)
Insertion Loss vs. Frequency
Frequency (GHz)
-2.00
-1.75
-1.50
-1.25
-1.00
-0.75
-0.50
-0.25
0
0
0.5
1.0
1.5
2.0
2.5
3.0
VSWR vs. Frequency
Frequency (GHz)
0
0.5
1.0
1.5
2.0
2.5
3.0
1.0
1.1
1.2
1.3
1.4
1.5
Isolation vs. Frequency
Frequency (GHz)
0
0.5
1.0
1.5
2.0
2.5
3.0
-50
-45
-40
-35
-30
-25
-20
-15
-10
Parameter
Condition
Frequency
Min.
typ.
Max.
Unit
Switching characteristics
Rise, fall
10/90% or 90/10% RF
10
ns
On, off
50% CTL to 90/10% RF
20
ns
Video feedthru
TRISE = 1 ns, BW = 500 MHz
25
mV
Input power for 1 dB compression
0/1.8 V
0.5–3 GHz
20
dBm
0/3 V
0.5–3 GHz
27
dBm
Intermodulation intercept point (IP3)
For two-tone input power 5 dBm
0/3 V
0.5–3 GHz
40
dBm
Thermal resistance
25
°C/W
Control voltages
VLOW = 0 to 0.2 V @ 20 µA max.
VHIGH = 1.8 V @ 100 µA max. to 5 V @ 200 mA max.
Operating Characteristics at 25 °C (0, 3 V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com