Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1012 Datasheet(PDF) 4 Page - Littelfuse

Part # SP1012
Description  SP1012 Series 6.5pF, 15kV Bidirectional TVS Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP1012 Datasheet(HTML) 4 Page - Littelfuse

  SP1012 Datasheet HTML 1Page - Littelfuse SP1012 Datasheet HTML 2Page - Littelfuse SP1012 Datasheet HTML 3Page - Littelfuse SP1012 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 12/13/16
TVS Diode Arrays (SPA® Diodes)
General Purpose ESD Protection-SP1012 Series
Package Dimensions
Symbol
0.94x0.61mm Flip Chip
Millimeters
Inches
Min
Typ
Max
Min
Typ
Max
A
0.280
0.310
0.340
0.0110
0.0122
0.0134
A1
0.005
0.010
0.015
0.0002 0.0004 0.0006
b
0.175
0.180
0.185
0.0069 0.0071 0.0073
D
0.585
0.610
0.635
0.0230 0.0240 0.0250
E
0.915
0.940
0.965
0.0360 0.0370 0.0380
e
0.330
0.0130
SIZE IN MM
Embossed Carrier Tape & Reel Specification — Flipchip
A0
K0 B0
T
P0
P1
P2
D
D1
E
F
W
User Feeding Direction
Pin 1 Location
Symbol
Millimeters
A0
0.68+/-0.03
B0
1.12+/-0.03
D
ø 1.50 + 0.10
D1
ø 0.40 +/- 0.05
E
1.75+/-0.10
F
3.50+/-0.05
K0
0.36+/-0.03
P0
2.00+/-0.05
P1
2.00+/-0.05
P2
4.00+/-0.10
W
8.00 + 0.30 -0.10
T
0.20+/-0.02
SIZE IN MM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com