Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8610ARM-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8610ARM-R2
Description  Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8610ARM-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8610ARM-R2 Datasheet HTML 11Page - Analog Devices AD8610ARM-R2 Datasheet HTML 12Page - Analog Devices AD8610ARM-R2 Datasheet HTML 13Page - Analog Devices AD8610ARM-R2 Datasheet HTML 14Page - Analog Devices AD8610ARM-R2 Datasheet HTML 15Page - Analog Devices AD8610ARM-R2 Datasheet HTML 16Page - Analog Devices AD8610ARM-R2 Datasheet HTML 17Page - Analog Devices AD8610ARM-R2 Datasheet HTML 18Page - Analog Devices AD8610ARM-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
REV. D
AD8610/AD8620
–15–
High Speed Instrumentation Amplifier (IN AMP)
The three op amp instrumentation amplifiers shown in Figure 28
can provide a range of gains from unity up to 1,000 or higher. The
instrumentation amplifier configuration features high common-
mode rejection, balanced differential inputs, and stable, accurately
defined gain. Low input bias currents and fast settling are achieved
with the JFET input AD8610/AD8620. Most instrumentation
amplifiers cannot match the high frequency performance of this
circuit. The circuit bandwidth is 25 MHz at a gain of 1, and close
to 5 MHz at a gain of 10. Settling time for the entire circuit is
550 ns to 0.01% for a 10 V step (gain = 10). Note that the resistors
around the input pins need to be small enough in value so that
the RC time constant they form in combination with stray circuit
capacitance does not reduce circuit bandwidth.
1/2 AD8620
U1
VIN2
C2
10pF
R2 1k
R4 2k
R7
2k
C4
15pF
VOUT
R6
2k
R8 2k
V–
V+
AD8610
U2
C3
15pF
R5 2k
VIN1
V–
V+
1/2 AD8620
U1
C5
10pF
R1 1k
RG
Figure 28. High Speed Instrumentation Amplifier
High Speed Filters
The four most popular configurations are Butterworth, Elliptical,
Bessel, and Chebyshev. Each type has a response that is optimized
for a given characteristic as shown in Table II.
In active filter applications using operational amplifiers, the
dc accuracy of the amplifier is critical to optimal filter performance.
The amplifier’s offset voltage and bias current contribute to output
error. Input offset voltage is passed by the filter, and may be
amplified to produce excessive output offset. For low frequency
applications requiring large value input resistors, bias and offset
currents flowing through these resistors will also generate an
offset voltage.
At higher frequencies, an amplifier’s dynamic response must be
carefully considered. In this case, slew rate, bandwidth, and open-
loop gain play a major role in amplifier selection. The slew rate
must be both fast and symmetrical to minimize distortion. The
amplifier’s bandwidth, in conjunction with the filter’s gain, will
dictate the frequency response of the filter. The use of a high perfor-
mance amplifier such as the AD8610/AD8620 will minimize both
dc and ac errors in all active filter applications.
Second-Order Low-Pass Filter
Figure 29 shows the AD8610 configured as a second-order
Butterworth low-pass filter. With the values as shown, the corner
frequency of the filter will be 1 MHz. The wide bandwidth of
the AD8610/AD8620 allows a corner frequency up to tens of
megaHertz. The following equations can be used for component
selection:
R1
R2
C1
1
C2
1
==
−
()
= ()(
)( )
= ()(
)( )
User Selected Typical Values
fR
fR
CUTOFF
CUTOFF
:k
k
.
.
10
100
1 414
2
0 707
2
ΩΩ
π
π
where C1 and C2 are in farads.
–13V
+13V
5
C2
11pF
VIN
AD8610
U1
VOUT
R2
10k
R1
10k
C1
22pF
Figure 29. Second-Order Low-Pass Filter
Table II. Filter Types
Type
Sensitivity
Overshoot
Phase
Amplitude (Pass Band)
Butterworth
Moderate
Good
Max Flat
Chebyshev
Good
Moderate
Nonlinear
Equal Ripple
Elliptical
Best
Poor
Equal Ripple
Bessel (Thompson)
Poor
Best
Linear



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com