Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZT653 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # FZT653
Description  100V NPN HIGH PERFORMANCE TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT653 Datasheet(HTML) 4 Page - Diodes Incorporated

  FZT653 Datasheet HTML 1Page - Diodes Incorporated FZT653 Datasheet HTML 2Page - Diodes Incorporated FZT653 Datasheet HTML 3Page - Diodes Incorporated FZT653 Datasheet HTML 4Page - Diodes Incorporated FZT653 Datasheet HTML 5Page - Diodes Incorporated FZT653 Datasheet HTML 6Page - Diodes Incorporated FZT653 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FZT653
Document Number DS33150 Rev. 7 - 2
4 of 7
www.diodes.com
January 2018
© Diodes Incorporated
FZT653
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
120
V
IC = 100µA
Collector-Emitter Breakdown Voltage (Note 11)
BVCEO
100
V
IC = 10mA
Emitter-Base Breakdown Voltage
BVEBO
7
V
IE = 100µA
Collector Cut-Off Current
ICBO

< 1
100
nA
VCB = 100V


10
µA
VCB = 100V, TA = +125°C
Emitter Cut-Off Current
IEBO
< 1
100
nA
VEB = 5.6V
Collector-Emitter Saturation Voltage (Note 11)
VCE(SAT)
0.13
0.3
V
IC = 1A, IB = 100mA

0.23
0.5
IC = 2A, IB = 200mA
Base-Emitter Saturation Voltage (Note 11)
VBE(SAT)
0.9
1.25
V
IC = 1A, IB = 100mA
Base-Emitter Turn-On Voltage (Note 11)
VBE(ON)
0.8
1.0
V
IC = 1A, VCE = 2V
DC Current Gain (Note 11)
hFE
70
200
IC = 50mA, VCE = 2V
100
200
300
IC = 500mA, VCE = 2V
55
110

IC = 1A, VCE = 2V
25
55

IC = 2A, VCE = 2V
Current Gain-Bandwidth Product
fT
140
175
MHz
VCE = 5V, IC = 100mA,
f = 100MHz
Switching Times
tON

80
ns
IC = 500mA, VCC = 10V,
IB1 = -IB2 = 50mA
tOFF

1200
Output Capacitance
COBO
30
pF
VCB = 10V, f = 1MHz
Note:
11.
Measured under pulsed conditions. Pulse width ≤ 300µs. Duty cycle ≤ 2%.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com