Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZT657 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # FZT657
Description  300V NPN MEDIUM POWER HIGH VOLTAGE TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT657 Datasheet(HTML) 4 Page - Diodes Incorporated

  FZT657 Datasheet HTML 1Page - Diodes Incorporated FZT657 Datasheet HTML 2Page - Diodes Incorporated FZT657 Datasheet HTML 3Page - Diodes Incorporated FZT657 Datasheet HTML 4Page - Diodes Incorporated FZT657 Datasheet HTML 5Page - Diodes Incorporated FZT657 Datasheet HTML 6Page - Diodes Incorporated FZT657 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FZT657
Document number: DS33152 Rev. 6 - 2
4 of 7
www.diodes.com
April 2018
© Diodes Incorporated
FZT657
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
300
—
—
V
IC = 100µA
Collector-Emitter Breakdown Voltage (Note 12)
BVCEO
300
—
—
V
IC = 10mA
Emitter-Base Breakdown Voltage
BVEBO
7
—
—
V
IE = 100µA
Collector-Base Cut-Off Current
ICBO
—
—
100
nA
VCB = 200V
Emitter Cut-Off Current
IEBO
—
—
100
nA
VEB = 5.6V
DC Current Gain (Note 12)
hFE
40
50
—
—
—
—
—
IC = 10mA, VCE = 5V
IC = 100mA, VCE = 5V
Collector-Emitter Saturation Voltage (Note 12)
VCE(SAT)
—
—
0.5
V
IC = 100mA, IB = 10mA
Base-Emitter Saturation Voltage (Note 12)
VBE(SAT)
—
—
1.0
V
IC = 100mA, IB = 10mA
Base-Emitter Turn-On Voltage (Note 12)
VBE(ON)
—
—
1.0
V
IC = 100mA, VCE = 5V
Output Capacitance
COBO
—
—
20
pF
VCB = 20V, f = 1MHz
Current Gain-Bandwidth Product
fT
30
—
—
MHz
VCE = 20V, IC = 10mA, f =
20MHz
Note:
12. Measured under pulse
d conditions. Pulse width ≤ 300µs. Duty cycle ≤ 2%.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com